Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE4126 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part No. PE4126
Description  High Linearity Quad MOSFET Mixer for DCS 1800 BTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE4126 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2006 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4126
Page 5 of 8
Document No. 70-0045-04
│ www.psemi.com
Figure 12. LO-RF Isolation vs. Frequency
Figure 13. LO Port Return Loss @ 25°C
Figure 11. LO-IF Isolation vs. Frequency
Figure 14. RF Port Return Loss @ 25°C
Typical Performance Data (LO=17 dBm, RF=3 dBm, IF=250 MHz)
-50
-40
-30
-20
-10
0
1700
1720
1740
1760
1780
1800
Frequency (MHz)
25 C
85 C
-40 C
-50
-40
-30
-20
-10
0
1700
1720
1740
1760
1780
1800
Frequency (MHz)
-40 C
25 C
85 C
-25
-20
-15
-10
-5
0
1.3
1.35
1.4
1.45
1.5
1.55
1.6
Frequency (GHz)
-20
-15
-10
-5
0
1.6
1.65
1.7
1.75
1.8
1.85
1.9
Frequency (GHz)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn