Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3502 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE3502
Description  3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3502 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE3502 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE3502
Page 2 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0046-04
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Device Functional Considerations
The PE3502 takes an input signal frequency from
1500 MHz to 3500 MHz and produces an output
signal frequency one-fourth that of the supplied
input. In order for the prescaler to work properly,
several conditions need to be adhered to. It is
crucial that pin 3 be supplied with a bypass
capacitor to ground. In addition, the input and
output signals (pins 2 & 7, respectively) need to
be AC coupled via an external capacitor as shown
in the test circuit in Figure 7.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance.
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage. Exposure
to absolute maximum ratings for extended periods
may affect device reliability.
3502
1
2
3
4
8
7
6
5
IN
GND
DEC
GND
OUT
VDD
GND
GND
Pin
No.
Pin
Name
Description
1
VDD
Power supply pin. Bypassing is required.
2
IN
Input signal pin. Should be coupled with a
capacitor (eg 15 pF)
3
DEC
Power supply decoupling pin. Place a ca-
pacitor as close as possible and connect
directly to the ground plane (eg 10 nF and
10 pF).
4
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
5
GND
Ground pin.
6
GND
Ground pin.
7
OUT
Divided frequency output pin. This pin
should be coupled with a capacitor (eg 100
pF).
8
GND
Ground pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human
Body Model)
250
V
PINMAX
Maximum input power
10
dBm


Similar Part No. - PE3502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35021 PASTERNACK-PE35021 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-12 PASTERNACK-PE35021-12 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-24 PASTERNACK-PE35021-24 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-36 PASTERNACK-PE35021-36 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-48 PASTERNACK-PE35021-48 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
More results

Similar Description - PE3502

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com