Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3339 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part No. PE3339
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE3339 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PE3339
Advance Information
Copyright
© Peregrine Semiconductor Corp. 2004
File No. 70/0048~02A
|
UTSi ® CMOS RFIC SOLUTIONS
Page 4 of 12
Table 5. DC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler enabled
VDD = 2.85 to 3.15 V
23
35
mA
Digital Inputs: S_WR, Sdata, Sclk
VIH
High level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.15 V
+1
µA
IIL
Low level input current
VIL = 0, VDD = 3.15 V
-1
µA
Digital Inputs: Enh (contains a 70 k
pull-up resistor)
VIH
High level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.15 V
+1
µA
IIL
Low level input current
VIL = 0, VDD = 3.15 V
-100
µA
Digital Inputs: FSELS, E_WR (contains a 70 k
pull-down resistor)
VIH
High level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.15 V
+100
µA
IIL
Low level input current
VIL = 0, VDD = 3.15 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 3.15 V
+100
µA
IILR
Low level input current
VIL = 0, VDD = 3.15 V
-100
µA
Counter output: Dout
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Lock detect outputs: (Cext, LD)
VOLC
Output voltage LOW, Cext
Iout = 0.1 mA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -0.1 mA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V
Charge Pump output: CP
ICP – Source
Drive current
VCP = VDD / 2
-2.6
-2
-1.4
mA
ICP – Sink
Drive current
VCP = VDD / 2
1.4
2
2.6
mA
ICPL
Leakage current
1.0 V < VCP < VDD – 1.0 V
-1
1
µA
ICP – Source
VS.
ICP Sink
Sink vs. source mismatch
VCP = VDD / 2, TA = 25° C
15
%
ICP VS. VCP
Output current magnitude variation vs. voltage
1.0 V < VCP < VDD – 1.0 V TA
= 25
° C
15
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn