Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3339 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part No. PE3339
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE3339 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PE3339
Advance Information
PEREGRINE SEMICONDUCTOR CORP. ® | http://www.psemi.com
Copyright
© Peregrine Semiconductor Corp. 2004
Page 3 of 12
Pin No.
Pin Name
Type
Description
17
CP
Output
Charge pump current is sourced when fc leads fp and sinked when fc lags fp.
18
NC
Output
No connection.
19
GND
Ground.
20
fr
Input
Reference frequency input.
Note 1:
VDD pins 1, 9, and 16 are connected by diodes and must be supplied with the same positive voltage level.
Table 2. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD
+ 0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature
range
-65
150
°C
Table 3. Operating Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.15
V
TA
Operating ambient
temperature range
-40
85
°C
Table 4. ESD Ratings
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage human body
model (Note 1)
1000
V
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the same
precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UTSi CMOS
devices are immune to latch-up.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn