Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3336 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part No. PE3336
Description  3000 MHz UltraCMOS™ Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE3336 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Product Specification
PE3336
Page 3 of 15
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0033-02
│ UltraCMOS™ RFIC Solutions
Table 1. Pin Descriptions
Figure 2. Pin Configurations (Top View)
D0, M0
D1, M1
D2, M2
D3, M3
V
DD
V
DD
S_WR, D4, M4
Sdata, D5, M5
Sclk, D6, M6
FSELS, D7, Pre_en
GND
47 46 45 44 43 42 41 40 39 38 37
48
5
6
7
8
9
10
11
4
3
2
1
12
13 14 15 16 17 18 19 20 21 22 23 24
31
30
29
28
27
26
25
32
33
34
35
36
f
p
V
DD_fp
D
out
V
DDE
C
ext
V
DD
V
DD_fc
f
c
FSELP, A0
PD_U
PD_D
GND
NC
44-lead PLCC
48-lead QFN
Pin No.
(44-lead PLCC)
Pin No.
(48-lead QFN)
Pin
Name
Interface
Mode
Type
Description
1
43
VDD
ALL
(Note 1)
Power supply input. Input may range from 2.85 V to 3.15 V.
Bypassing recommended.
2
44
R0
Direct
Input
R Counter bit0 (LSB).
3
45
R1
Direct
Input
R Counter bit1.
4
46
R2
Direct
Input
R Counter bit2.
5
47
R3
Direct
Input
R Counter bit3.
6
48
GND
ALL
(Note 1)
Ground.
7
1
D0
Parallel
Input
Parallel data bus bit0 (LSB).
M0
Direct
Input
M Counter bit0 (LSB).
8
2
D1
Parallel
Input
Parallel data bus bit1.
M1
Direct
Input
M Counter bit1.
9
3
D2
Parallel
Input
Parallel data bus bit2.
M2
Direct
Input
M Counter bit2.
10
4
D3
Parallel
Input
Parallel data bus bit3.
M3
Direct
Input
M Counter bit3.
11
5
VDD
ALL
(Note 1)
Same as pin 1.
12
6
VDD
ALL
(Note 1)
Same as pin 1.
11
12
13
14
15
16
17
10
9
8
7
6
5
4321 44 43 42 41 40
35
34
33
32
31
30
29
36
37
38
39
18 19 20 21 22 23 24 25 26 27 28
D
0, M0
D
1, M1
D
2, M2
D
3, M3
V
DD
V
DD
S_WR, D
4, M4
Sdata, D
5, M5
Sclk, D
6, M6
FSELS, D
7, Pre_en
GND
GND
f
p
V
DD_fp
D
out
V
DD
C
ext
V
DD
PD_D
PD_U
V
DD_fc
f
c


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn