Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6556 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN6556
Description  Low Noise Dual Operational Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6556 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN6556 Datasheet HTML 1Page - Panasonic Semiconductor AN6556 Datasheet HTML 2Page - Panasonic Semiconductor AN6556 Datasheet HTML 3Page - Panasonic Semiconductor AN6556 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Overview
The AN6555, the AN6556, and the AN6556S are low
noise, high slew rate dual operational amplifiers with
phase compensation circuits built-in.
They are suitable for applications to various electronic
circuits such as active filters and audio preamplifiers.
s Features
• Phase compensation circuit
• High voltage gain:Gv=100 dB typ.
• Low noise:input referred noise voltage Vni=1.5
µ Vrms
typ.
• High slew rate:SR=2V/
µ s typ.
• Output short-circuit protection
AN6555, AN6556, AN6556S
Low Noise Dual Operational Amplifiers
s Block Diagram
9
8
7
6
5
4
3
2
0.3
+ 0.1
– 0.05
6.0
±0.3
2.4
±0.25
3.3
±0.25
3.0
±0.3
Unit:mm
AN6555
1
9-pin SIL Plastic Package (SIP009-P-0000)
Unit:mm
1
2
3
4
6.3
±0.3
3.8
±0.25 (3.45)
7.62
±0.25
3—15˚
0.15
+ 0.1
– 0.05
AN6556
0.51min.
8
7
6
5
8-pin DIL Plastic Package (DIP008-P-0300B)
1
2
3
4
0.3
4.2
±0.3
6.5
±0.3
8
7
6
5
Unit:mm
AN6556S
8-pin PANAFLAT Plastic Package (SOP008-P-0225A)
+
+
VCC
VO1
VCC
VO2
Vin1+ VEE
1
1
2
2
34
5
6
8
79
Vin1–
Vin2–
Vin2+
(GND)
AN6555
VCC
VO2
VEE
(GND)
1
2
3
4
8
7
6
5
Vin1–
VO1
Vin1+
Vin2–
Vin2+
+
+
1
2
AN6556
AN6556S


Similar Part No. - AN6556

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6550 PANASONIC-AN6550 Datasheet
46Kb / 4P
   Dual Operational Amplifier
AN6551 PANASONIC-AN6551 Datasheet
39Kb / 4P
   Dual Operational Amplifier
logo
List of Unclassifed Man...
AN6551 ETC2-AN6551 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6552 PANASONIC-AN6552 Datasheet
39Kb / 3P
   Dual Operational Amplifiers
logo
List of Unclassifed Man...
AN6552 ETC2-AN6552 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN6556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com