Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3240 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part No. PE3240
Description  2.2 GHz UltraCMOS™ Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE3240 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Product Specification
PE3240
Page 2 of 12
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0034-02
│ UltraCMOS™ RFIC Solutions
Table 1. Pin Descriptions
Figure 2. Pin Configuration (Top View)
20-lead TSSOP
Figure 3. Package Type
V
DD
1
Enh
2
S_WR
3
Sdata
4
Sclk
5
GND
6
FSELS
7
E_WR
8
V
DD
9
F
in
10
F
in
11
GND
12
Cext
13
LD
14
Dout
15
V
DD
16
PD_D
17
PD_U
18
GND
19
f
r
20
Pin No.
Pin Name
Type
Description
1
VDD
(Note 1)
Power supply input. Input may range from 2.85 V to 3.15 V. Bypassing required.
2
Enh
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are functional. Internal 70 k
Ω pull-
up resistor.
3
S_WR
Input
Serial load enable input. While S_WR is “low”, Sdata can be serially clocked. Primary register data are
transferred to the secondary register on S_WR rising edge.
4
Sdata
Input
Binary serial data input. Input data entered MSB first.
5
Sclk
Input
Serial clock input. Sdata is clocked serially into the 20-bit primary register (E_WR “low”) or the 8-bit
enhancement register (E_WR “high”) on the rising edge of Sclk.
6
GND
Ground.
7
FSELS
Input
Selects contents of primary register (FSELS=1) or secondary register (FSELS=0) for programming of internal
counters. Internal 70 k
Ω pull-down resistor.
8
E_WR
Input
Enhancement register write enable. While E_WR is “high”, Sdata can be serially clocked into the
enhancement register on the rising edge of Sclk. Internal 70 k
Ω pull-down resistor.
9
VDD
(Note 1)
Same as pin 1.
10
Fin
Input
Prescaler input from the VCO. Max frequency input is 2.2 GHz.
11
Fin
Input
Prescaler complementary input. A bypass capacitor should be placed as close as possible to this pin and be
connected in series with a 50
Ω resistor to the ground plane.
12
GND
Ground.
13
Cext
Output
Logical “NAND” of PD_
U and PD_D terminated through an on chip, 2 kΩ series resistor. Connecting Cext to
an external capacitor will low pass filter the input to the inverting amplifier used for driving LD.
14
LD
Output
Lock detect is an open drain logical inversion of CEXT. When the loop is in lock, LD is high impedance,
otherwise LD is a logic low (“0”).
15
Dout
Output
Data out function, Dout, enabled in enhancement mode.
16
VDD
(Note 1)
Same as pin 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn