Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3236 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part No. PE3236
Description  2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE3236 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product Specification
PE3236
Page 6 of 15
©2003-2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0026-03
│ UltraCMOS™ RFIC Solutions
Table 6. AC Characteristics: VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Note 1:
Fclk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify Fclk
specification.
Note 2:
CMOS logic levels can be used to drive the reference input if DC coupled. Voltage input needs to be a minimum of 0.5 Vp-p. For optimum
phase noise performance, the reference input falling edge rate should be faster than 80mV/ns.
Note 3:
Parameter is guaranteed through characterization only and is not tested.
Symbol
Parameter
Conditions
Min
Max
Units
Control Interface and Latches (see Figures 4, 5, 6)
fClk
Serial data clock frequency
(Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tDSU
Sdata set-up time to Sclk rising edge, D[7:0] set-up time to
M1_WR, M2_WR, A_WR rising edge
10
ns
tDHLD
Sdata hold time after Sclk rising edge, D[7:0] hold time to
M1_WR, M2_WR, A_WR, E_WR rising edge
10
ns
tPW
S_WR, M1_WR, M2_WR, A_WR, E_WR pulse width
30
ns
tCWR
Sclk rising edge to S_WR rising edge. S_WR, M1_WR,
M2_WR, A_WR falling edge to Hop_WR rising edge
30
ns
tCE
Sclk falling edge to E_WR transition
30
ns
tWRC
S_WR falling edge to Sclk rising edge. Hop_WR falling
edge to S_WR, M1_WR, M2_WR, A_WR rising edge
30
ns
tEC
E_WR transition to Sclk rising edge
30
ns
Main Divider (Including Prescaler)
Fin
Operating frequency
200
2200
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Main Divider (Prescaler Bypassed)
Fin
Operating frequency
20
220
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Reference Divider
fr
Operating frequency
(Note 3)
100
MHz
Pfr
Reference input power (Note 2)
Single ended input
-2
dBm
Phase Detector
fc
Comparison frequency
(Note 3)
20
MHz
SSB Phase Noise (Fin = 1.3 GHz, fr = 10 MHz, fc = 1.25 MHz, LBW = 70 kHz, VDD = 3.0 V, Temp = -40° C)
100 Hz Offset
-75
dBc/Hz
1 kHz Offset
-85
dBc/Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn