Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE3236 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part No. PE3236
Description  2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3236 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE3236 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3236 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Product Specification
PE3236
Page 5 of 15
Document No. 70-0026-03
│ www.psemi.com
©2003-2005 Peregrine Semiconductor Corp. All rights reserved.
Table 2. Absolute Maximum Ratings
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Table 4. ESD Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. Operating Ratings
Table 5. DC Characteristics: VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD +
0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature range
-65
150
°C
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.15
V
TA
Operating ambient
temperature range
-40
85
°C
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage (Human Body
Model)
1000
V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler enabled
VDD = 2.85 to 3.15 V
22
35
mA
Digital Inputs: All except fr, R0, Fin, Fin
VIH
High level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.15 V
+1
µA
IIL
Low level input current
VIL = 0, VDD = 3.15 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 3.15 V
+100
µA
IILR
Low level input current
VIL = 0, VDD = 3.15 V
-100
µA
R0 Input (Pull-up Resistor): R0
IIHRO
High level input current
VIH = VDD = 3.15 V
+5
µA
IILRO
Low level input current
VIL = 0, VDD = 3.15 V
-5
µA
Counter and phase detector outputs: fc, fp
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Lock detect outputs: Cext, LD
VOLC
Output voltage LOW, Cext
Iout = 0.1 mA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -0.1 mA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn