Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98356EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX98356EVKIT
Description  2.5V to 5.5V Single-Supply Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98356EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX98356EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX98356EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
MAX98356 Evaluation Kit
Evaluates: MAX98356
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
JU5
1
3-pin header
JU6
1
15-pin (3 x 15) header
LEDA, LEDB
2
Green LEDs (0603)
L1, L2
0
Not installed, 22FH inductors
(6.2mm x 6.3mm)—short
(PC trace)
TOKO D63CB series part
TOKO A916CY-220M
L201
1
3.3FH, 1.1A power inductor
Sumida CDRH3D16NP-3R3NC
L300
1
3.3FH , 57mI, 1.3A inductor
(5mm x 5mm x 2 mm)
Sumida CDRH4D18ENP-3R3N
L301
1
2.2FH , 36mI, 3A inductor
(6mm x 6mm x 1.8 mm)
Sumida CDRH5D16NP-2R2N
OUTN
1
Black multipurpose test point,
63 mil drill size
P1
1
R/A power jack,
(2.1mm ID, 5.5mm OD)
Q200, Q201, Q202
3
n-channel enhancement-mode
FETs (SOT23)
Fairchild BSS138
R1, R2, R201,
R334–R341
11
100kI Q5% resistors (0603)
R3
1
174kI Q1% resistor (0603)
R4
1
634kI Q1% resistor (0603)
R5, R6
0
Not installed, resistors (0402)
R10
1
2kI Q1% resistor (0603)
R36, R37,
R300–R304,
R324–R332, R333
17
0I Q5% resistors (0402)
R200
1
27kI Q5% resistor (0603)
R203, R204, R207,
R210, R217, R220,
R322
7
10kI Q5% resistors (0603)
R205, R213
2
47kI Q5% resistors (0603)
R206, R310–R312,
R323
5
4.7I Q5% resistors (0603)
R208
1
20kI Q5% resistor (0603)
R209
0
Not installed resistor (0603)
R211
1
8.06kI Q1% resistor (0603)
R212, R219,
R233, R234
4
1kI Q5% resistors (0603)
DESIGNATION
QTY
DESCRIPTION
R218, R221
2
2.2MI Q5% resistors (0603)
R222
1
470I Q5% resistor (0603)
R223, R224
2
33I Q5% resistors (0603)
R308
1
330I Q5% resistor (0603)
R313
1
100I Q5% resistor (0402)
R314
1
10I Q5% resistor (0402)
R316, R318
0
Not installed, resistors—
short (PC trace) (1206)
R317
1
0I Q5% resistor (0603)
R342
1
39.2kI Q1% resistor (0603)
SW300
1
8-position DIP switch (SMD)
U1
1
I2S input Class D audio
amplifier (9 WLP)
Maxim MAX98356EWL+
U200
1
XMOS Processor (128 TQFP)
U201
1
SPI 1Mb flash memory (8 SO)
U202
1
USB 2.0 ULPI transceiver
(24 QFN)
U203
1
3.3V low-noise linear regulator
(5 SOT23)
Maxim MAX8887EZK33+T
U204, U305
2
1.8V low-noise linear regulators
(5 SC70)
Maxim MAX8511EXK18+
U205
1
Voltage detector (5 SOT23)
U206
1
TinyLogic UHS dual buffer
(6 SC70)
Fairchild NC7WZ07P6X
U208
1
Dual unbuffered inverter
(6 SC70)
Fairchild NC7WZU04P6X
U209
1
2-input multiplexer (6 SC70)
Fairchild NC7SZ157P6X
U210
1
Dual logic buffer (6 SC70)
Fairchild NC7WZ17P6X
U211
1
Microprocessor-reset circuit
(3 SC70)
Maxim MAX803TEXR+
U212
1
1A step-down regulator
(FMAXM)
Maxim MAX1974EUB+


Similar Part No. - MAX98356EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98356EWL++ MAXIM-MAX98356EWL+ Datasheet
3Mb / 22P
   PDM Input Class D Audio Power Amplifier
Rev 0; 5/12
More results

Similar Description - MAX98356EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
   2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
MAX98309EVKIT MAXIM-MAX98309EVKIT Datasheet
1Mb / 8P
   2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
MAX5389EVKIT MAXIM-MAX5389EVKIT Datasheet
645Kb / 7P
   2.8V to 5.5V Single-Supply Operation
Rev 0; 4/10
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
   3.0V to 5.5V Single-Supply Operation
2009
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX1586AEVKIT MAXIM-MAX1586AEVKIT Datasheet
635Kb / 14P
   2.6V to 5.5V Single-Supply Operation
Rev 1; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com