Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6553 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN6553
Description  Dual Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6553 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN6553 Datasheet HTML 1Page - Panasonic Semiconductor AN6553 Datasheet HTML 2Page - Panasonic Semiconductor AN6553 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Overview
The AN6553 is a dual operational amplifier with phase
compensation circuits built-in.
It is suitable for application to various electronic circuits
such as active filters audio pre-amplifiers.
s Features
• Phase compensation circuit built-in
• High gain, low noise
• Output short-circuit protection
• Slew rate:2.0V/
µ s typ.
AN6553
Dual Operational Amplifiers
s Block Diagram
Unit:mm
1
2
3
4
6.3
±0.3
3.8
±0.25 (3.45)
7.62
±0.25
3 to 15˚
0.15
+0.1
– 0.05
0.51min.
8
7
6
5
8-pin DIL Plastic Package (DIP008-P-0300B)
1
7
VO1
VO2
4
6
5
R3
Q3
Q1
D1
C2
Q6
R5
R7
Q9
Q8
Q11
Q14
Q29
Q26
Q15
Q28
R16
Q18
Q13
Q25
Q23
R18
D2
Q17
Q16
C4
R12
R9
VEE (GND)
8
VCC
R8
R13
DZ
Q10
R6
Q5
Q4
R1
C1
R2
R4
Q7
Q22
Q24
Q20
Q19
R17
Q21
R15
C3
R14
Q27
R20
R19
Q12
Q2
Vin2–
Vin2+
Vin1–
Vin1+
2
3


Similar Part No. - AN6553

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN6553 ETC2-AN6553 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN6553

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com