Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853058 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS853058
Description  8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853058 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS853058 Datasheet HTML 6Page - Integrated Circuit Systems ICS853058 Datasheet HTML 7Page - Integrated Circuit Systems ICS853058 Datasheet HTML 8Page - Integrated Circuit Systems ICS853058 Datasheet HTML 9Page - Integrated Circuit Systems ICS853058 Datasheet HTML 10Page - Integrated Circuit Systems ICS853058 Datasheet HTML 11Page - Integrated Circuit Systems ICS853058 Datasheet HTML 12Page - Integrated Circuit Systems ICS853058 Datasheet HTML 13Page - Integrated Circuit Systems ICS853058 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
853058AG
www.icst.com/products/hiperclocks.html
REV. A APRIL 13, 2004
10
Integrated
Circuit
Systems, Inc.
ICS853058
8:1, DIFFERENTIAL-TO-
3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
SCHEMATIC EXAMPLE
An application schematic example of ICS853058 is shown in
Figure 5. The inputs can accept various types of differential sig-
nals. In this example, the inputs are driven by 3.3V LVPECL
drivers. The ICS853058 output is an LVPECL driver. An example
of LVPECL terminations is shown this schematic. Other termi-
nation approaches are available in the LVPECL Termination
Application Note. It is recommended at least one decoupling ca-
pacitor per power pin. The decoupling capacitor should be low
ESR and located as close as possible to the power pin.
FIGURE 5. ICS853058 SCHEMATIC EXAMPLE
R3
50
Zo = 50
Zo = 50
RD2
1K
C1
0.1u
To Logic
Input
pins
RD1
Not Install
R8
50
C2
0.1u
Zo = 50
U1
ICS853058
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
24
23
22
21
PCLK0
nPCLK0
PCLK1
nPCLK1
VCC
SEL0
SEL1
SEL2
PCLK2
nPCLK2
PCLK3
nPCLK3
nPCLK4
PCLK4
nPCLK5
PCLK5
GND
nQ0
Q0
VCC
PCLK7
nPCLK7
PCLK6
nPCLK6
3.3V
Zo = 50
R5
50
RU2
Not Install
R6
50
Zo = 50
Set Logic
Input to
'0'
3.3V
Logic Control Input Examples
R7
50
R1
50
R4
50
LVPECL
R9
50
Set Logic
Input to
'1'
R2
50
Zo = 50
RU1
1K
LVPECL
+
-
LVPECL
To Logic
Input
pins
3.3V
3.3V


Similar Part No. - ICS853058

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Circuit Syst...
ICS853052AG ICST-ICS853052AG Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052AG IDT-ICS853052AG Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGLF IDT-ICS853052AGLF Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
More results

Similar Description - ICS853058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
   4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
   4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
   4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com