Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2669010000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2669010000
Description  AITB 2.5 L-L-PE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2669010000 Datasheet(HTML) 2 Page - Weidmuller

  2669010000 Datasheet HTML 1Page - Weidmuller 2669010000 Datasheet HTML 2Page - Weidmuller 2669010000 Datasheet HTML 3Page - Weidmuller 2669010000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet
 
AITB 2.5 L-L-PE
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date September 14, 2021 3:36:44 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
50.1 mm
  Depth (inches)
1.972 inch
Height
103 mm
  Height (inches)
4.055 inch
Width
5.1 mm
  Width (inches)
0.201 inch
Net weight
20.18 g
   
 
Temperatures
 
Storage temperature
-25 °C...55 °C
  Continuous operating temp., min.
-60 °C
Continuous operating temp., max.
130 °C
   
 
Material data
 
Material
Wemid
  Colour
dark beige
Colour of operational elements
orange
  UL 94 flammability rating
V-0
 
System specifications
 
End cover plate required
Yes
  Number of potentials
3
Number of levels
3
  Number of clamping points per level
2
Rail
TS 35
  N-function
No
PE function
Yes
  PEN function
No
 
Additional technical data
 
Snap-on
Yes
  Type of mounting
Snap-on
 
Conductors for clamping (rated connection)
 
Blade size
0.6 x 3.5 mm
  Clamping range, max.
4 mm²
Clamping range, min.
0.14 mm²
  Connection cross-section, stranded,
max.
4 mm²
Connection cross-section, stranded, min.0.5 mm²
  Connection direction
top
Gauge to IEC 60947-1
A3
  Number of connections
5
Stripping length
10 mm
  Twin wire-end ferrules, max.
0.75 mm²
Twin wire-end ferrules, min.
0.5 mm²
  Type of connection
PUSH IN
Wire connection cross section AWG,
max.
AWG 12
  Wire connection cross section AWG,
min.
AWG 28
Wire connection cross section, finely
stranded, max.
2.5 mm²
  Wire connection cross section, finely
stranded, min.
0.5 mm²
Wire connection cross-section, finely
stranded with wire-end ferrules DIN
46228/1, max.
2.5 mm²
  Wire connection cross-section, finely
stranded with wire-end ferrules DIN
46228/1, min.
0.5 mm²
Wire connection cross-section, finely
stranded with wire-end ferrules DIN
46228/4, max.
2.5 mm²
  Wire connection cross-section, finely
stranded with wire-end ferrules DIN
46228/4, min.
0.5 mm²
Wire connection cross-section, solid
core, max.
4 mm²
  Wire connection cross-section, solid
core, min.
0.5 mm²
 
General
 
Rail
TS 35
  Standards
IEC 60947-7-1 (-7-2)
Wire connection cross section AWG,
max.
AWG 12
  Wire connection cross section AWG,
min.
AWG 28
 


Similar Part No. - 2669010000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
More results

Similar Description - 2669010000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
2668940000 WEIDMULLER-2668940000 Datasheet
530Kb / 5P
   AITB 2.5 BB N-L-PE
2668950000 WEIDMULLER-2668950000 Datasheet
543Kb / 5P
   AITB 2.5 BB NDT-L-PE
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
2668920000 WEIDMULLER-2668920000 Datasheet
516Kb / 5P
   AITB 2.5 BB L
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com