Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W93910 Datasheet(PDF) 31 Page - Winbond

Part # W93910
Description  ERMES PAGING DECODER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W93910 Datasheet(HTML) 31 Page - Winbond

Back Button W93910 Datasheet HTML 27Page - Winbond W93910 Datasheet HTML 28Page - Winbond W93910 Datasheet HTML 29Page - Winbond W93910 Datasheet HTML 30Page - Winbond W93910 Datasheet HTML 31Page - Winbond W93910 Datasheet HTML 32Page - Winbond W93910 Datasheet HTML 33Page - Winbond W93910 Datasheet HTML 34Page - Winbond W93910 Datasheet HTML 35Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
W93910
Publication Release Date: Auguest 1999
- 31 -
Revision A1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Supply Voltage to Ground Potential
-0.3 to +7.0
V
Applied Input/Output Voltage
-0.3 to +7.0
V
Power Dissipation
120
mW
Ambient Operating Temperature
-20 to +70
°C
Storage temperature
-55 to +155
°C
Note: The device should be operated under the above conditions. Operation beyond these conditions may result in permanent
damage to the device.
DC/AC ELECTRONIC CHARACTERISTICS
(VDD = 3 volt, Fosc = 100 kHz, Ta = 25
° C )
SYMBOL
PARAMETER
CONDITION
MIN.
TYP
MAX.
UNIT
NOTE
VDD
Operating Voltage
2.5
3
3.5
V
IOP
Operating Current
VDD = 3 volt
25
100
µA
ISB
Stand By current
ON = 0 volt
1
2
µA
VOH
Output high voltage
2.4
V
VOL
Output Low voltage
0.4
V
VIH
Input high voltage
2
V
VIL
Input low voltage
0.8
V
IOH
Output High Current
VO = 2.1 volt
500
µA
IOL
Output Low Current
VO = 0.4 volt
500
µA
TCHRS
CHRS Active Width
1
µS
TXCNCG
XCNCG Active Width
4
4.5
mS
TTXCK
TXCLK Period
1
µS
TTDST
TXDATA Setup Time
20
nS
TTDHD
TXDATA Hold Time
20
nS
TOSC
OSCO Stable Time
1
S
TXRST
XRST Active Width
10
µS
TPG
Programming setup
1
µS
TON
TXCLK to ON delay
3
Txclk


Similar Part No. - W93910

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W939R0J BOURNS-W939R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W93910

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-70L41B SII-S-70L41B Datasheet
1Mb / 23P
   PAGING DECODER
S-7041B SII-S-7041B Datasheet
1Mb / 21P
   PAGING DECODER
logo
NXP Semiconductors
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
   POCSAG Paging Decoder
1997 Mar 04
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
   PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
   PAGING DECODER IC (POCSAG)
logo
NXP Semiconductors
PCD5002 PHILIPS-PCD5002 Datasheet
203Kb / 48P
   Advanced POCSAG and APOC-1 Paging Decoder
1997 Jun 24
logo
Gamewell-FCI by Honeywe...
1100-0452 GAMEWELL-FCI-1100-0452 Datasheet
38Kb / 1P
   Paging Microphone Module
logo
Nippon Precision Circui...
SM8210S NPC-SM8210S Datasheet
625Kb / 18P
   Signal Processor for Paging Receivers
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com