Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62481FP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M62481FP
Description  PICKUP SERVO SYSTEM WITH AUTOMATIC ADJUSTMENT
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62481FP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M62481FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M62481FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
ELECTRIC
MITSUBISHI
(
/ 88 )
MITSUBISHI SOUND PROCESSOR LSI
M62481FP
PICKUP SERVO SYSTEM WITH AUTOMATIC ADJUSTMENT
D-62481-87I
30
29
19
27k
+
47k
47k
Vo
27k
1k
FS
(17)VOSFS;
VREF
(15)VHFS,VLFS;
INPUT Vi
VHFS:Vi=1.0V
VLFS:Vi=4.0V
30
29
19
27k
+
47k
47k
Vo
27k
1.0k
FS
VREF
Vi
(14)GVFS:input pin 30
•FS BLOCK
GVFS=Vo / Vi
Vi=10mVrms
0
Vref
Vi
t
30
29
19
27k
+
47k
47k
~
Vo
27k
1.0k
FS
VREF
Vi
;
(16)IOHFS,VILFS;
INPUT Vi
IOHFS:Vo=4.0V
IOLFS:Vo=1.0V
30
29
19
27k
+
47k
47k
27k
FS
VREF
Vi
Vo
IOH (IOL)
VREF=1/2Vcc
(18)VFSR + ,VFSR - ;
VFSR + (R1:D8=0,D9->D12=1)
VFSR - (R1:D8=1,D9->D12=1)
39
Focus
Search
Vo
CFSR
21


Similar Part No. - M62481FP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Mitsubishi Electric Sem...
M62413FP MITSUBISHI-M62413FP Datasheet
869Kb / 14P
   ELECTRONIC SOUND CONTROL WITH ELECTRONIC VOLUME FOR MULTIPLE SOURCES
M62415 MITSUBISHI-M62415 Datasheet
283Kb / 7P
   2CH 4 MODE PRESET EQUALIZER
M62415FP MITSUBISHI-M62415FP Datasheet
283Kb / 7P
   2CH 4 MODE PRESET EQUALIZER
M62415P MITSUBISHI-M62415P Datasheet
283Kb / 7P
   2CH 4 MODE PRESET EQUALIZER
More results

Similar Description - M62481FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62475FP MITSUBISHI-M62475FP Datasheet
168Kb / 19P
   AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
logo
Renesas Technology Corp
M62475FP RENESAS-M62475FP Datasheet
6Mb / 20P
   AUTOMATIC ADJUSTMENT CD PREAMPLIFIER SERVO CONTROLLER
logo
Mitsubishi Electric Sem...
M51594AFP MITSUBISHI-M51594AFP Datasheet
796Kb / 13P
   OPTICAL PICKUP SERVO CONTROL
logo
Panasonic Semiconductor
EVM-3YSX50B53 PANASONIC-EVM-3YSX50B53 Datasheet
149Kb / 3P
   Automatic adjustment type (EVM3Y)
logo
STMicroelectronics
AN4158 STMICROELECTRONICS-AN4158 Datasheet
988Kb / 34P
   Peak current control with automatic decay adjustment
logo
Shenzhen Huazhimei Semi...
HM5169 HMSEMI-HM5169 Datasheet
915Kb / 8P
   600KHz automatic frequency adjustment, high efficiency
logo
Rohm
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
   System control servo
logo
DISCO Corporation
DCS1440 DISCO-DCS1440 Datasheet
295Kb / 2P
   Automatic Cleaning System
logo
BRIGHT LED ELECTRONICS ...
BIR-BO033A BRIGHT-BIR-BO033A Datasheet
239Kb / 8P
   Automatic Control System
logo
DISCO Corporation
DCS1441 DISCO-DCS1441 Datasheet
449Kb / 2P
   Automatic Cleaning System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com