Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM100TU-24H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CM100TU-24H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM100TU-24H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep.1998
Dimensions
Inches
Millimeters
A
4.21
107.0
B
3.54
±0.01
90.0
±0.25
C
4.02
102.0
D
3.15
±0.01
80.0
±0.25
E
0.43
11.0
F
0.91
23.0
G
0.47
12.0
H
0.85
21.7
J
0.91
23.0
Dimensions
Inches
Millimeters
K
0.15
3.75
L
0.67
17.0
M
1.91
48.5
N
0.03
0.8
P
0.32
8.1
Q
1.02
26.0
R
0.22 Dia.
5.5 Dia.
S
0.57
14.4
Description:
Mitsubishi IGBT Modules are de-
signed for use in switching applica-
tions. Each module consists of six
IGBTs in a three phase bridge
configuration, with each transistor
having a reverse-connected super-
fast recovery free-wheel diode. All
components and interconnects are
isolated from the heat sinking
baseplate, offering simplified sys-
tem assembly and thermal man-
agement.
Features:
Low Drive Power
Low VCE(sat)
Discrete Super-Fast Recovery
Free-Wheel Diode
High Frequency Operation
Isolated Baseplate for Easy
Heat Sinking
Applications:
AC Motor Control
Motion/Servo Control
UPS
Welding Power Supplies
Ordering Information:
Example: Select the complete
module number you desire from
the table - i.e. CM100TU-24H is a
1200V (VCES), 100 Ampere Six-
IGBT Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
100
24
MITSUBISHI IGBT MODULES
CM100TU-24H
HIGH POWER SWITCHING USE
INSULATED TYPE
Outline Drawing and Circuit Diagram
u
w
v
TC
Measured
Point
TC
Measured
Point
D
C
5 - M5 NUTS
M
L
K
R 4 - Mounting
Holes
K
EE
G
G
B
F
E
HH
S
A
GvP
EvP
GuN
EuN
GvN
EvN
GwN
EwN
EE
E
H
J
H
N
J
TAB#110 t=0.5
P
Q
GuP
EuP
GwP
EwP
GuP
EuP
GuN
EuN
U
P
N
GvP
EvP
GvN
EvN
V
GwP
EwP
GwN
EwN
W


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200E3U-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM600HU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM400DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM75TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn