Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM100TU-24H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. CM100TU-24H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM100TU-24H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sep.1998
MITSUBISHI IGBT MODULES
CM100TU-24H
HIGH POWER SWITCHING USE
INSULATED TYPE
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT)
101
10-5
10-4
10-3
100
10-1
10-2
10-3
10-3
10-2
10-1
100
101
Single Pulse
TC = 25°C
Per Unit Base = Rth(j-c) = 0.19°C/W
10-1
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
101
10-5
10-4
10-3
100
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Per Unit Base = Rth(j-c) = 0.35°C/W


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200E3U-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM600HU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM400DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM75TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn