Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8547AYT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8547AYT
Description  HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8547AYT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8547AYT Datasheet HTML 1Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 2Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 3Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 4Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 5Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 6Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 7Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 8Page - Integrated Circuit Systems ICS8547AYT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ICS8547AY
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 4, 2003
4
Integrated
Circuit
Systems, Inc.
ICS8547
HEX, LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 85°C
TABLE 4B. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 85°C
TABLE 4C. LVDS DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
x
K
L
CV
N
I
V
=
D
D
V
5
6
4
.
3
=0
5
1A
µ
x
K
L
C
nV
N
I
V
=
D
D
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
x
K
L
CV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
x
K
L
C
nV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
e
g
n
a
R
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
5
.
0V
D
D
5
8
.
0
-V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
5
7
15
7
25
7
3V
m
∆ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
0
.
13
.
16
.
1V
∆ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
I
F
F
O
e
g
a
k
a
e
L
f
f
O
r
e
w
o
P
1
-1
+A
µ
I
D
S
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
5
.
5
-A
m
I
S
O
I
/
B
S
O
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
O
2
1
-A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
D
DO
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
2
2A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
8
1A
m
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.


Similar Part No. - ICS8547AYT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401AK ICST-ICS85401AK Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS85401AKT ICST-ICS85401AKT Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
More results

Similar Description - ICS8547AYT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85408I RENESAS-85408I Datasheet
635Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
85408 IDT-85408_15 Datasheet
299Kb / 16P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
   Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com