Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2304NZ-1 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS2304NZ-1
Description  LOW SKEW PCI/PCI-X BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2304NZ-1 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS2304NZ-1 Datasheet HTML 1Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 2Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 3Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 4Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 5Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 6Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 7Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 8Page - Integrated Circuit Systems ICS2304NZ-1 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LOW SKEW PCI/PCI-X BUFFER
MDS 2304NZ-1 C
4
Revision 062105
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS2304NZ-1
Electrical Characteristics at 3.3 V over Recommended Free-air Temperature
Range
VDD = 3.3 V ±10%, TA = -40°C to +85°C (unless stated otherwise)
Note 1: Guaranteed by design, not 100% tested in production.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Voltage
VIK
VDD at 3.3 V, II = -18 mA
-1.2
V
High-level Output Voltage
VOH
VDD = min to max,
IOH = -1 mA
VDD-0.2
3.3
V
VDD = 3 V, IOH = -24 mA
2
2.3
VDD = 3 V, IOH = -12 mA
2.4
2.7
Low-level Output Voltage
VOL
VDD = min to max,
IOH = 1 mA
0.222
0.2
V
VDD = 3 V, IOL = 24 mA
0.61
0.8
VDD = 3 V, IOL = 12 mA
0.31
0.55
High-level Input Current
IOH
VDD = 3 V, VO = 1 V
-53
-40
mA
VDD = 3.3 V, VO = 1.65 V
-54
Low-level Input Current
IOL
VDD = 3 V, VO = 2 V
40
53
mA
VDD = 3.3 V, VO = 1.65 V
57
Input Current
II
V = VDD or VO
0.1
50
µA
Dynamic Supply Current
IDD
Unloaded outputs at
66.67 MHz
13
37
mA
Input Capacitance
(Note 1)
CI
VDD = 3.3 V,
VI = 0V or 3.3 V
35
pF
Output Capacitance
(Note 1)
CO
VDD = 3.3 V,
VI = 0V or 3.3 V
3.2
pF


Similar Part No. - ICS2304NZ-1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
More results

Similar Description - ICS2304NZ-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
830584I IDT-830584I Datasheet
122Kb / 12P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
ICS830584I IDT-ICS830584I Datasheet
281Kb / 12P
   LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
logo
Renesas Technology Corp
830584I RENESAS-830584I Datasheet
350Kb / 13P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
December 16, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com