Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS664G-02LF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS664G-02LF
Description  PECL Digital Video Clock Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS664G-02LF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS664G-02LF Datasheet HTML 1Page - Integrated Circuit Systems ICS664G-02LF Datasheet HTML 2Page - Integrated Circuit Systems ICS664G-02LF Datasheet HTML 3Page - Integrated Circuit Systems ICS664G-02LF Datasheet HTML 4Page - Integrated Circuit Systems ICS664G-02LF Datasheet HTML 5Page - Integrated Circuit Systems ICS664G-02LF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PECL Digital Video Clock Source
MDS 664-02 C
2
Revision 062304
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS664-02
Pin Assignment
16-pin 4.40 mil body, 0.65 mm pitch TSSOP
Output Clock Selection Table
Pin Descriptions
12
1
11
2
10
X1/REFIN
X2
3
9
VDD
4
VDD
VDDO
5
S0
6
CLK
7
GND
8
GND
CLK
GND
SELIN
S3
VDD
S2
S1
16
15
14
13
S3
S2
S1
S0
Input
Frequency
(MHz)
Output
Frequency
(MHz)
0000
Power down
0001
Pass thru
Input Freq
0010
27
74.25
0011
27
74.175824
0100
13.5
74.25
0101
13.5
74.175824
0110
RESERVED
RESERVED
0111
RESERVED
RESERVED
1000
74.25
54
1001
74.175824
54
1010
RESERVED
RESERVED
1011
RESERVED
RESERVED
1100
54
74.25
1101
54
74.175824
1110
54
13.5
1111
27
13.5
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/REFIN
Input
Connect this pin to a crystal or clock input
2
VDD
Power
Power supply for crystal oscillator.
3
VDD
Power
Power supply for PLL.
4
S0
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
5
GND
Power
Ground for PLL.
6
GND
Power
Ground for oscillator.
7
S3
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
8
S2
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
9
S1
Input
Output frequency selection. Determines output frequency per table above. On chip pull-up.
10
VDD
Power
Power supply.
11
SELIN
Input
Low for clock input, high for crystal. On chip pull-up.
12
GND
Power
Ground for output stage
13
CLK
Output
Complimentary clock output.
14
CLK
Output
Clock output.
15
VDDO
Power
Power supply for output stage.
16
X2
Input
Connect this pin to a crystal. Leave open if using a clock input.


Similar Part No. - ICS664G-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS664G-01 ICST-ICS664G-01 Datasheet
145Kb / 6P
   Digital Video Clock Source
ICS664G-01T ICST-ICS664G-01T Datasheet
145Kb / 6P
   Digital Video Clock Source
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS664G-04 ICST-ICS664G-04 Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
ICS664G-04LF ICST-ICS664G-04LF Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
More results

Similar Description - ICS664G-02LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
   PECL DIGITAL VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
   Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS660 ICST-ICS660 Datasheet
127Kb / 6P
   Digital Video Clock Source
ICS664-01 ICST-ICS664-01 Datasheet
145Kb / 6P
   Digital Video Clock Source
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com