Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS651G-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS651G-03
Description  VOIP Clock Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS651G-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS651G-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS651G-03 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VOIP Clock Source
MDS 651-03 A
2
Revision 112603
Integrated Circuit Systems 525 Race Street, San Jose, CA 95126 tel (408) 297-1201www.icst.com
ICS651-03
Pin Assignment
Pin Descriptions
12
1
11
2
10
3
9
X1
4
GND
5
6
VDD
7
25M
8
GND
REF
VDD
VDD
VDD
VDD
80M
VDD
GND
16
15
14
13
48M
X2
16-pin (173 mil) TSSOP
PDTS
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
Input
Crystal connection. Connect to 27 MHz crystal input.
2
GND
Power
Connect to ground.
3
PDTS
Input
Powers down entire chip and tri-states outputs when low. Internal
pull-up resistor.
4
25M
Output
25 MHz clock output. Weak internal pull-down when tri-state.
5
GND
Power
Connect to ground.
6
VDD
Power
Connect to +3.3 V.
7
VDD
Power
Connect to +3.3 V.
8
48M
Output
48 MHz clock output. Weak internal pull down when tri-state.
9
80M
Output
80 MHz clock output. Weak internal pull down when tri-state.
10
GND
Power
Connect to ground.
11
VDD
Power
Connect to +3.3 V.
12
VDD
Power
Connect to +3.3 V.
13
VDD
Power
Connect to +3.3 V.
14
REF
Output
Reference 27 MHz output. Weak internal pull-down when tri-state.
15
VDD
Power
Connect to +3.3 V.
16
X2
Output
Crystal connection. Connect to 27 MHz crystal input.


Similar Part No. - ICS651G-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results

Similar Description - ICS651G-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
   Audio Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
   NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
   NETWORKING CLOCK SOURCE
REV F 051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com