Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS43002A40 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS43002A40
Description  175MHZ, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS43002A40 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS43002A40 Datasheet HTML 6Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 7Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 8Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 9Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 10Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 11Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 12Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 13Page - Integrated Circuit Systems ICS43002A40 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
843002AKI-40
www.icst.com/products/hiperclocks.html
REV. A JUNE 22, 2005
10
Integrated
Circuit
Systems, Inc.
ICS843002I-40
175MHZ, FEMTOCLOCKS™ VCXO BASED
SONET/SDH JITTER ATTENUATOR
PRELIMINARY
APPLICATION INFORMATION
DESCRIPTION OF THE PLL STAGES
The ICS843002I-40 is a two stage device, a VCXO PLL
followed by a low phase noise FemtoClock PLL. The VCXO
uses an external pullable crystal which can be pulled
±100ppm by the VCXO PLL circuitry to phase lock it to
the input reference frequency. The FemtoClock PLL is a
wide bandwidth PLL (about 800kHz) which means it will
phase track the VCXO PLL. Most of the reference clock
jitter attenuation needs to be accomplished by VCXO PLL.
By using the bypass FemtoClock PLL mode (Table 3B),
the selected input reference clock can be passed directly
to the FemtoClock PLL which will multiply it up by 32 to a
higher frequency. A second mode, VCXO and FemtoClock
bypass, routes the selected input refrence directly to the
LVPECL output dividers.
VCXO PLL LOOP RESPONSE CONSIDERATIONS
Loop response characteristics of the VCXO PLL is affected
by the VCXO feedback divider value (bandwidth and damp-
ing factor), and by the external loop filter components
(bandwidth, damping factor, and 2nd frequency response).
A practical range of VCXO PLL bandwidth is from about
10Hz to about 1kHz. The setting of VCXO PLL bandwidth
and damping factor is covered later in this document. A
PC based PLL bandwidth calculator is also under devel-
opment. For assistance with loop bandwidth suggestions
or value calculation, please contact ICS applications.
SETTING THE VCXO PLL LOOP RESPONSE
The VCXO PLL loop response is determined both by fixed
device characteristics and by other characteristics set by the
user. This includes the values of R
S, CS, CP and RSET as shown
in the External VCXO PLL Components figure on this page.
The VCXO PLL loop bandwidth is approximated by:
WHERE:
R
S = Value of resistor RS in loop filter in Ohms
I
CP = Charge pump current in amps (see table on page 12)
K
O = VCXO Gain in Hz/V
The above equation calculates the “normalized” loop bandwidth
(denoted as “NBW”) which is approximately equal to the - 3dB
bandwidth. NBW does not take into account the effects of
damping factor or the second pole imposed by C
P. It does,
however, provide a useful approximation of filter performance.
To prevent jitter on the clock output due to modulation of the
VCXO PLL by the phase detector frequency, the following general
rule should be observed:
ƒ(Phase Detector) = Input Frequency ÷ (R Divider x 32)
The PLL loop damping factor is determined by:
WHERE:
C
S = Value of capacitor CS in loop filter in Farads
NBW (VCXO PLL) =
R
S x ICP x KO
32
NBW (VCXO PLL)
ƒ (Phase Detector)
20
DF (VCLK) =
x
R
S
2
I
CP x CS x KO
32


Similar Part No. - ICS43002A40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS43002A41 ICST-ICS43002A41 Datasheet
277Kb / 21P
   700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS43002A41 IDT-ICS43002A41 Datasheet
3Mb / 23P
   700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
More results

Similar Description - ICS43002A40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002I-41 ICST-ICS843002I-41 Datasheet
277Kb / 21P
   700MHz, FEMTOCLOCKS-TM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS843002I-40 IDT-ICS843002I-40 Datasheet
3Mb / 23P
   175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
843002I-40 IDT-843002I-40 Datasheet
340Kb / 24P
   175MHz, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
logo
Renesas Technology Corp
843002I-40 RENESAS-843002I-40 Datasheet
549Kb / 25P
   175MHz, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Device Techn...
ICS843002I-41 IDT-ICS843002I-41 Datasheet
3Mb / 23P
   700MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
843002I-41 IDT-843002I-41 Datasheet
341Kb / 24P
   700MHZ, FemtoClock VCXO Based Sonet/SDH Jitter Attenuators
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Renesas Technology Corp
843002I-41 RENESAS-843002I-41 Datasheet
550Kb / 25P
   700MHZ, FemtoClock® VCXO Based Sonet/SDH Jitter Attenuators
9/4/14
logo
Integrated Circuit Syst...
ICS843002-31 ICST-ICS843002-31 Datasheet
272Kb / 27P
   700MHZ FEMTOCLOCKS??VCXO BASED FREQUENCY TRANSLATOR AND JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
   FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com