Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC21LV32 Datasheet(PDF) 16 Page - Microchip Technology

Part No. MIC21LV32
Description  36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC21LV32 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC21LV32 Datasheet HTML 12Page - Microchip Technology MIC21LV32 Datasheet HTML 13Page - Microchip Technology MIC21LV32 Datasheet HTML 14Page - Microchip Technology MIC21LV32 Datasheet HTML 15Page - Microchip Technology MIC21LV32 Datasheet HTML 16Page - Microchip Technology MIC21LV32 Datasheet HTML 17Page - Microchip Technology MIC21LV32 Datasheet HTML 18Page - Microchip Technology MIC21LV32 Datasheet HTML 19Page - Microchip Technology MIC21LV32 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MIC21LV32
DS20006513A-page 16
 2021 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN =12V; VOUT =1.5V; fSW = 500 kHz/phase; VBST – VSW =5V; TA =+25°C.
FIGURE 2-37:
Switching Waveforms
Phasing (VOUT = 5V, IOUT = 10A).
FIGURE 2-38:
Switching Waveforms
Phasing and Current Sharing with RDSON
Sensing (IOUT = 0A).
FIGURE 2-39:
Switching Waveforms
Phasing and Current Sharing with RDSON
Sensing (IOUT = 40A).
VSW2
4 µs/div
10V/div
IL1
5A/div
IL2
5A/div
IOUT = 10A
VSW1
10V/div
IL2
1 µs/div
5A/div
VSW1
5V/div
VSW2
5V/div
IOUT = 0A
IL1
5A/div
IL1
IL1
IL2
VSW1 VSW2
IL2
1 µs/div
5A/div
VSW1
5V/div
VSW2
5V/div
IOUT = 40A
IL1
5A/div
IL1
IL1
IL2
VSW1
VSW2


Similar Part No. - MIC21LV32

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC21LV33YML-TR MICROCHIP-MIC21LV33YML-TR Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
More results

Similar Description - MIC21LV32

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
   40Vin 2 Outputs COT Buck Controller
Texas Instruments
Texas Instruments
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
Intersil Corporation
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
Intersil Corporation
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz