Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC21LV32 Datasheet(PDF) 47 Page - Microchip Technology

Part No. MIC21LV32
Description  36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC21LV32 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MIC21LV32 Datasheet HTML 42Page - Microchip Technology MIC21LV32 Datasheet HTML 43Page - Microchip Technology MIC21LV32 Datasheet HTML 44Page - Microchip Technology MIC21LV32 Datasheet HTML 45Page - Microchip Technology MIC21LV32 Datasheet HTML 46Page - Microchip Technology MIC21LV32 Datasheet HTML 47Page - Microchip Technology MIC21LV32 Datasheet HTML 48Page - Microchip Technology MIC21LV32 Datasheet HTML 49Page - Microchip Technology MIC21LV32 Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2021 Microchip Technology Inc.
DS20006513A-page 47
MIC21LV32
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
Device
Device:
MIC21LV32: 36V Dual Phase, Advanced COT Buck Controller
Stackable for Multiphase Operation
Junction
Temperature
Range:
Y
=
-40°C to +125°C, RoHS-Compliant
Package:
ML
=
32-Lead, 5x 5mm VQFN
Media Type:
TR
=
3300/Reel
XX
X
Package
Junction
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
Temperature
Range
Examples:
a) MIC21LV32YML-TR: 36V Dual Phase, Advanced COT Buck
Controller Stackable for Multiphase
Operation, -40°C to +125°C Junction
Temperature Range, 32-Lead
5 mm x 5 mm VQFN Package,
3300/Reel
-XX(1)
Media Type


Similar Part No. - MIC21LV32

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC21LV33YML-TR MICROCHIP-MIC21LV33YML-TR Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
More results

Similar Description - MIC21LV32

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
   40Vin 2 Outputs COT Buck Controller
Texas Instruments
Texas Instruments
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
Intersil Corporation
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
Intersil Corporation
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz