Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC21LV32 Datasheet(PDF) 43 Page - Microchip Technology

Part No. MIC21LV32
Description  36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC21LV32 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MIC21LV32 Datasheet HTML 39Page - Microchip Technology MIC21LV32 Datasheet HTML 40Page - Microchip Technology MIC21LV32 Datasheet HTML 41Page - Microchip Technology MIC21LV32 Datasheet HTML 42Page - Microchip Technology MIC21LV32 Datasheet HTML 43Page - Microchip Technology MIC21LV32 Datasheet HTML 44Page - Microchip Technology MIC21LV32 Datasheet HTML 45Page - Microchip Technology MIC21LV32 Datasheet HTML 46Page - Microchip Technology MIC21LV32 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
 2021 Microchip Technology Inc.
DS20006513A-page 43
MIC21LV32
5(&200(1'(' /$1' 3$77(51
'LPHQVLRQ /LPLWV
8QLWV
&
2SWLRQDO &HQWHU 3DG :LGWK
&RQWDFW3DG6SDFLQJ
2SWLRQDO &HQWHU3DG /HQJWK
&RQWDFW3LWFK
<
;


0,//,0(7(56
 %6&
0,1
(
0$;

&RQWDFW3DG/HQJWK ;
&RQWDFW3DG:LGWK ;
<
;


120



&
&RQWDFW3DG6SDFLQJ

&RQWDFW3DGWR&RQWDFW 3DG ;
*

7KHUPDO 9LD 'LDPHWHU
9
7KHUPDO 9LD 3LWFK
(9


%6&%DVLF'LPHQVLRQ7KHRUHWLFDOO\ H[DFWYDOXH VKRZQ ZLWKRXWWROHUDQFHV
1RWHV
'LPHQVLRQLQJDQGWROHUDQFLQJ SHU $60( <0
)RUEHVWVROGHULQJUHVXOWVWKHUPDO YLDVLIXVHGVKRXOGEHILOOHG RU WHQWHGWRDYRLGVROGHUORVVGXULQJ
UHIORZ SURFHVV


)RU WKHPRVWFXUUHQWSDFNDJHGUDZLQJVSOHDVHVHHWKH0LFURFKLS3DFNDJLQJ6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
1RWH
&RQWDFW3DGWR&HQWHU 3DG ;
*

0LFURFKLS7HFKQRORJ\'UDZLQJ &5HY$
&
&
(9
(9
;
<
(
;
<
*
*
‘9
6,/. 6&5((1
/HDG9HU\7KLQ4XDG)ODW1R/HDG3DFNDJH 4/$  [[PP%RG\>94)1@
:LWKPP([SRVHG 3DG


Similar Part No. - MIC21LV32

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC21LV33YML-TR MICROCHIP-MIC21LV33YML-TR Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
More results

Similar Description - MIC21LV32

ManufacturerPart No.DatasheetDescription
Microchip Technology
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
   40Vin 2 Outputs COT Buck Controller
Texas Instruments
Texas Instruments
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
Intersil Corporation
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
Intersil Corporation
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz