Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC21LV32 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC21LV32
Description  36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC21LV32 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC21LV32 Datasheet HTML 35Page - Microchip Technology MIC21LV32 Datasheet HTML 36Page - Microchip Technology MIC21LV32 Datasheet HTML 37Page - Microchip Technology MIC21LV32 Datasheet HTML 38Page - Microchip Technology MIC21LV32 Datasheet HTML 39Page - Microchip Technology MIC21LV32 Datasheet HTML 40Page - Microchip Technology MIC21LV32 Datasheet HTML 41Page - Microchip Technology MIC21LV32 Datasheet HTML 42Page - Microchip Technology MIC21LV32 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
 2021 Microchip Technology Inc.
DS20006513A-page 39
MIC21LV32
6.0
PCB LAYOUT GUIDELINES
PCB layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths. Use star ground technique
between AGND and PGND, and minimize trace length
for high-current paths.
Follow these guidelines to ensure proper operation of
the MIC21LV32 two-phase buck converter.
6.1
Integrated Circuit
• The 2.2 µF ceramic capacitor, which is connected
to the VDD pin, must be located right at the IC.
The VDD pin is very noise-sensitive, so the place-
ment of the capacitor is critical. Use wide traces to
connect to the VDD, PVDD and PGND pins.
• Connect a 2.2 µF ceramic capacitor to the
EXTVDD pin, which must be located right at the IC.
• Connect the Analog Ground pin (AGND) directly
to the ground planes. Do not route the AGND pin
to the PGND pad on the top layer.
• Use thick traces and minimize trace length for the
input and output power lines.
• Keep the analog and power grounds separate,
and connected at only one location.
6.2
Input Capacitor
• Use parallel input capacitors to minimize effective
ESR and ESL of input capacitor.
• Place input capacitors next to the high-side power
MOSFETs for each phase channel.
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Connect the VIN supply to the VIN pin through a
1.2Ω resistor and connect a 1 µF ceramic capaci-
tor from the VIN pin to the PGND pin. Keep both
the VIN pin and PGND connections short.
• Place several vias to the ground plane, close to
the input capacitors’ ground terminal.
• Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U-type capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• In hot-plug applications, use an electrolytic bypass
capacitor to limit the overvoltage spike seen on the
input supply when power is suddenly applied.
6.3
Inductor
• Keep the inductor connection to the switch node
(SW1, SW2) short.
• Do not route any digital lines underneath or close
to the inductor.
• Keep the switch node (SW1, SW2) away from the
Feedback (FBS) pin.
• Connect the CSPx pin and CSNx pin directly to
the drain and source of the low-side power MOS-
FET, respectively, and route the CSP and CSN
traces together for each phase channel to accu-
rately sense the voltage across the low-side
MOSFET to achieve accurate current sensing.
• To minimize noise, place a ground plane under
the inductor.
• The inductor can be placed on the opposite side
of the PCB with respect to the IC. There should be
sufficient vias on the power traces to conduct high
current between the inductor and the IC and out-
put load. It does not matter whether the IC or
inductor is on the top or bottom, as long as there
is enough heatsink and air flow to keep the power
components within their temperature limits. Place
the input and output capacitors on the same side
of the board as the IC.
6.4
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground terminal.
• The feedback trace should be separate from the
power trace and connected as close as possible to
the output capacitor. Sensing a long high-current
load trace can degrade the DC load regulation.
6.5
MOSFETs
• MOSFET gate drive traces must be short and
wide. The ground plane should be the connection
between the MOSFET source and PGND.
• Choose a low-side MOSFET with a high CGS/CGD
ratio and a low internal gate resistance to
minimize the effect of dV/dt inducted turn-on.
• Use a 4.5V VGS rated MOSFET. Its higher gate
threshold voltage is more immune to glitches than
a 2.5V or 3.3V rated MOSFET.
6.6
VOUT Remote Sense
• The remote sense traces must be routed close
together or on adjacent layers to minimize noise
pickup. The traces should be routed away from
the switch node, inductors, MOSFETs and other
high dV/dt or di/dt sources.
6.7
RC Snubber
• Place the RC snubber on either side of the board
and as close to the SW pin as possible.
Note:
To minimize EMI and output noise, follow
these layout recommendations.


Similar Part No. - MIC21LV32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC21LV33YML-TR MICROCHIP-MIC21LV33YML-TR Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
More results

Similar Description - MIC21LV32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
   40Vin 2 Outputs COT Buck Controller
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Texas Instruments
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com