Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34940R2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC34940R2
Description  Electric Field Imaging Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34940R2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34940R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34940R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC34940
Sensors
4
Freescale Semiconductor
Table 3. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, 0°C ≤ TA ≤ 90°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OSC (ROSC)
OSC Frequency Stability
fSTAB
10
%
OSC Center Frequency
ROSC = 39 k
ROSC = 20 k
ROSC = 82 k
fOSC
120
240
60
kHz
Harmonic Content
2nd through 4th Harmonic Level
5th and Higher
OSCHARM
-20
-60
dB
SHIELD DRIVER (SHIELD)
Shield Driver Maximum Harmonic level below Fundamental
10 pF
≤ CLOAD ≤ 500 pF
SDHARM
-20
dB
Shield Driver Gain Bandwidth Product
Measured at 120 kHz
SDGBW
–4.5
MHz


Similar Part No. - MC34940R2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
MC34903CP3EK/R2 NXP-MC34903CP3EK/R2 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
MC34903CP5EK/R2 NXP-MC34903CP5EK/R2 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
MC34903CS3EK/R2 NXP-MC34903CS3EK/R2 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
MC34903CS5EK/R2 NXP-MC34903CS5EK/R2 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
More results

Similar Description - MC34940R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33794 FREESCALE-MC33794 Datasheet
390Kb / 18P
   Electric Field Imaging Device
logo
Motorola, Inc
MC33794 MOTOROLA-MC33794 Datasheet
491Kb / 20P
   Electric Field Imaging Device
logo
NXP Semiconductors
MC33941 NXP-MC33941 Datasheet
269Kb / 11P
   Electric Field Imaging Device
Rev. 4
MC33794 NXP-MC33794 Datasheet
461Kb / 18P
   Electric Field Imaging Device
Rev 9, 11/2006
logo
Freescale Semiconductor...
MC33941 FREESCALE-MC33941 Datasheet
321Kb / 11P
   Electric Field Imaging Device
MC33941 FREESCALE-MC33941_08 Datasheet
229Kb / 11P
   Electric Field Imaging Device
logo
Vaisala
EFM550 VAISALA-EFM550 Datasheet
1Mb / 2P
   Thunderstorm Electric Field Mill EFM550
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com