Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS813001AGIT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS813001AGIT
Description  DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS813001AGIT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS813001AGIT Datasheet HTML 1Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 2Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 3Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 4Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 5Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 6Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 7Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 8Page - Integrated Circuit Systems ICS813001AGIT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
813001AGI
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 2, 2005
1
Integrated
Circuit
Systems, Inc.
ICS813001I
DUAL VCXO W/3.3V, 2.5V LVPECL
FEMTOCLOCK™ PLL
GENERAL DESCRIPTION
The ICS813001I is a dual VCXO + FemtoClock™
Multiplier designed for use in Discrete PLL
loops. Two selectable external VCXO crystals
allow the device to be used in multi-rate appli-
cations, where a given line card can be
switched, for example, between 1Gb Ethernet (125MHz
system reference clock) and 1Gb Fibre Channel
(106.25MHz system reference clock) modes. Of course,
a multitude of other applications are also possible such
as switching between 74.25MHz and 74.175824MHz
for HDTV, switching between SONET, FEC and non FEC
rates, etc.
The ICS813001I is a two stage device – a VCXO followed
by a FemtoClock PLL. The FemtoClock PLL can multiply
the crystal frequency of the VCXO to provide an output
frequency range of 40.83MHz to 640MHz, with a random
rms phase jitter of less than 1ps (12kHz – 20MHz). This
phase jitter performance meets the requirements of 1Gb/
10Gb Ethernet, 1Gb, 2Gb, 4Gb and 10Gb Fibre Channel,
and SONET up to OC48. The FemtoClock PLL can also be
bypassed if frequency multiplication is not required. For
testing/debug purposes, de-assertion of the output enable
pin will place both Q and nQ in a high impedance state.
FEATURES
• One 3.3V or 2.5V LVPECL output pair
• Two selectable crystal oscillator interfaces for the VCXO,
one differential clock or one LVCMOS/LVTTL clock inputs
• CLK1/nCLK1 supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Crystal operating frequency range: 14MHz - 24MHz
• VCO range: 490MHz - 640MHz
• Output frequency range: 40.83MHz - 640MHz
• VCXO pull range: ±100ppm (typical)
• Supports the following applications (among others):
SONET, Ethernet, Fibre Channel, HDTV, MPEG
• RMS phase jitter @ 622.08MHz (12kHz - 20MHz):
0.84 (typical)
• Supply voltage modes:
V
CC/VCCO
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in both, Standard and RoHS/Lead-Free
compliant packages
HiPerClockS™
ICS
BLOCK DIAGRAM
VCXO
1 0
(default)
1 1
0 0
0 1
PD
VCO
490-640MHz
0
1
Feedback Divider M
Output Divider N
M2:M0
000 ÷16
001 ÷20
010 ÷22
011 ÷24
100 ÷25 (default)
101 ÷32
110 ÷40
111 MR
N2:N0
000 ÷1
001 ÷2
010 ÷3
011 ÷4 (default)
100 ÷5
101 ÷6
110 ÷8
111 ÷12
PIN ASSIGNMENT
ICS813001I
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
VCO_SEL
N0
N1
N2
VCCO
Q
nQ
VEE
VCCA
VCC
XTAL_OUT1
XTAL_IN1
1
2
3
4
5
6
7
8
9
10
11
12
CLK_SEL1
CLK_SEL0
OE
M2
M1
M0
CLK1
nCLK1
CLK0
VC
XTAL_IN0
XTAL_OUT0
24
23
22
21
20
19
18
17
16
15
14
13
VCO_SEL
CLK_SEL0
CLK_SEL1
CLK0
CLK1
nCLK1
VC
M2
M1
M0
N2
N1
N0
OE
Pullup
Pullup
Pullup
Q
nQ
XTAL_IN0
XTAL_OUT0
XTAL_IN1
XTAL_OUT1
Pulldown
Pulldown
Pullup
Pullup
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown


Similar Part No. - ICS813001AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
   FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results

Similar Description - ICS813001AGIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
813001I RENESAS-813001I Datasheet
464Kb / 21P
   Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
   VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
logo
Integrated Device Techn...
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com