Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS813001I Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS813001I
Description  DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS813001I Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS813001I Datasheet HTML 1Page - Integrated Circuit Systems ICS813001I Datasheet HTML 2Page - Integrated Circuit Systems ICS813001I Datasheet HTML 3Page - Integrated Circuit Systems ICS813001I Datasheet HTML 4Page - Integrated Circuit Systems ICS813001I Datasheet HTML 5Page - Integrated Circuit Systems ICS813001I Datasheet HTML 6Page - Integrated Circuit Systems ICS813001I Datasheet HTML 7Page - Integrated Circuit Systems ICS813001I Datasheet HTML 8Page - Integrated Circuit Systems ICS813001I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
813001AGI
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 2, 2005
2
Integrated
Circuit
Systems, Inc.
ICS813001I
DUAL VCXO W/3.3V, 2.5V LVPECL
FEMTOCLOCK™ PLL
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
ρ
ε
β
μ
υ
Νε
μ
α
Νε
π
ψ
Τν
ο
ι
τ
π
ι
ρ
χ
σ
ε
Δ
1L
E
S
_
O
C
Vt
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
O
C
V
3
,
21
N
,
0
Nt
u
p
n
Ip
u
ll
u
P
.
4
÷
=
e
u
l
a
v
t
l
u
a
f
e
D
.
s
n
i
p
t
c
e
l
e
s
r
e
d
i
v
i
d
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
42
Nt
u
p
n
In
w
o
d
ll
u
P
5V
O
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
7
,
6Q
n
,
Qt
u
p
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
9V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
0
1V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
1
1
2
1
,
1
T
U
O
_
L
A
T
X
1
N
I
_
L
A
T
X
t
u
p
n
I
,
t
u
p
t
u
o
e
h
t
s
i
1
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
.
t
u
p
n
i
e
h
t
s
i
1
N
I
_
L
A
T
X
3
1
4
1
,
0
T
U
O
_
L
A
T
X
0
N
I
_
L
A
T
X
t
u
p
n
I
,
t
u
p
t
u
o
e
h
t
s
i
0
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
.
t
u
p
n
i
e
h
t
s
i
0
N
I
_
L
A
T
X
5
1C
Vt
u
p
n
I.
t
u
p
n
i
e
g
a
t
l
o
v
l
o
r
t
n
o
c
O
X
C
V
6
10
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
7
11
K
L
C
nt
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
8
11
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
0
2
,
9
11
M
,
0
Mt
u
p
n
In
w
o
d
ll
u
P
.
5
2
÷
=
e
u
l
a
v
t
l
u
a
f
e
D
.
s
n
i
p
t
c
e
l
e
s
r
e
d
i
v
i
d
k
c
a
b
d
e
e
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
22
Mt
u
p
n
Ip
u
ll
u
P
2
2E
Ot
u
p
n
Ip
u
ll
u
P
t
u
p
t
u
o
e
h
t
,
W
O
L
n
e
h
W
.
e
v
i
t
c
a
s
i
t
u
p
t
u
o
e
h
t
,
H
G
I
H
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
n
i
s
i
3
20
L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
o
t
r
e
f
e
R
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
k
c
o
l
C
4
21
L
E
S
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 3. CONTROL INPUT FUNCTIONTABLE
s
t
u
p
n
I
1
L
E
S
_
K
L
C0
L
E
S
_
K
L
Ct
u
p
n
I
d
e
t
c
e
l
e
S
00
0
K
L
C
01
1
K
L
C
n
,
1
K
L
C
10
0
L
A
T
X
11
1
L
A
T
X


Similar Part No. - ICS813001I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813078I IDT-ICS813078I Datasheet
3Mb / 26P
   FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results

Similar Description - ICS813001I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
813001I RENESAS-813001I Datasheet
464Kb / 21P
   Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
   VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
logo
Integrated Device Techn...
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
   FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com