Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08CC Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MCIMX6U4AVM08CC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08CC Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08CC Datasheet HTML 37Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 38Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 39Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 40Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 41Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 42Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 43Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 44Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 161 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
NXP Semiconductors
41
4.6.4
RGMII I/O 2.5V I/O DC Electrical Parameters
The RGMII interface complies with the RGMII standard version 1.3. The parameters in Table 25 are
guaranteed per the operating ranges in Table 8, unless otherwise noted.
Termination Voltage
Vtt
Vtt tracking OVDD/2
0.49
× OVDD
0.51
× OVDD
V
Pull-up/Pull-down Impedance Mismatch
Mmpupd
-10
10
%
240
Ω unit calibration resolution
Rres
10
Ω
Keeper Circuit Resistance
Rkeep
105
165
k
Ω
Input current (no pull-up/down)
Iin
VI = 0,VI = OVDD
-2.9
2.9
μA
1 Note that the JEDEC DDR3 specification (JESD79_3D) supersedes any specification in this document.
2 OVDD – I/O power supply (1.425 V–1.575 V for DDR3 and 1.283 V–1.45 V for DDR3L)
3 Vref – DDR3/DDR3L external reference voltage.
4 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
Table 25. RGMII I/O 1.8V and 2.5V mode DC Electrical Characteristics1
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level Output Voltage1
VOH
Ioh= -0.1mA (DSE=001,010)
Ioh= -1mA (DSE=011,100,101,110,111)
OVDD-0.15
V
Low-level Output Voltage1
VOL
Iol= 0.1mA (DSE=001,010)
Iol= 1mA (DSE=011,100,101,110,111)
—0.15
V
Input Reference Voltage
Vref
—0.49
× OVDD 0.51 × OVDD
V
High-Level Input Voltage2 3
VIH
—0.7
× OVDD
OVDD
V
Low-Level Input Voltage2 3
VIL
—0
0.3
× OVDD
V
Input Hysteresis
(OVDD=1.8V)
VHYS_HighVDD
OVDD=1.8V
250
mV
Input Hysteresis
(OVDD=2.5V)
VHYS_HighVDD
OVDD=2.5V
250
mV
Schmitt Trigger VT+3 4
VTH
+
—0.5
× OVDD
mV
Schmitt Trigger VT-3 4
VTH
-
——
0.5
× OVDD
mV
Pull-up Resistor (22 k
Ω PU)
RPU_22K
Vin=0V
212
μA
Pull-up Resistor (22 k
Ω PU)
RPU_22K
Vin=OVDD
-—
1
μA
Pull-up Resistor (47 k
Ω PU)
RPU_47K
Vin=0V
100
μA
Pull-up Resistor (47 k
Ω PU)
RPU_47K
Vin=OVDD
1
μA
Pull-up Resistor (100 k
Ω PU)
RPU_100K
Vin=0V
48
μA
Pull-up Resistor (100 k
Ω PU)
RPU_100K
Vin=OVDD
1
μA
Table 24. DDR3/DDR3L I/O DC Electrical Characteristics1 (continued)
Parameters
Symbol
Test Conditions
Min
Max
Unit


Similar Part No. - MCIMX6U4AVM08CC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08CC NXP-MCIMX6U4AVM08CC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6U4AVM08CC NXP-MCIMX6U4AVM08CC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08CC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
   i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMXRT1064IEC NXP-IMXRT1064IEC Datasheet
1Mb / 113P
   i.MX RT1064 Crossover Processors for Industrial Products
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
   i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1020IEC NXP-IMXRT1020IEC Datasheet
1Mb / 100P
   i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
   i.MX RT1060 Crossover Processors for Industrial Products
07/2020
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com