Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08CC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MCIMX6U4AVM08CC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08CC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08CC Datasheet HTML 24Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 25Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 26Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 27Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 28Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 29Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 30Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 31Page - NXP Semiconductors MCIMX6U4AVM08CC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 161 page
background image
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
28
NXP Semiconductors
Electrical Characteristics
The choice of a clock source must be based on real-time clock use and precision timeout.
4.1.5
Maximum Supply Currents
The Power Virus numbers shown in Table 10 represent a use case designed specifically to show the
maximum current consumption possible. All cores are running at the defined maximum frequency and are
limited to L1 cache accesses only to ensure no pipeline stalls. Although a valid condition, it would have a
very limited practical use case, if at all, and be limited to an extremely low duty cycle unless the intention
was to specifically show the worst case power consumption.
The NXP power management IC, MMPF0100xxxx, which is targeted for the i.MX 6 series processor
family, supports the power consumption shown in Table 10, however a robust thermal design is required
for the increased system power dissipation.
See the i.MX 6Solo/6DualLite Power Consumption Measurement Application Note (AN4576) for more
details on typical power consumption under various use case definitions.
Table 10. Maximum Supply Currents
Power Line
Conditions
Max Current
Unit
VDD_ARM_IN
i.MX 6DualLite: 996 MHz Arm clock based on
Power Virus operation
2200
mA
i.MX 6Solo: 996 MHz Arm clock based on Power
Virus operation
1320
mA
VDD_SOC_IN
996 MHz Arm clock
1260
mA
VDD_HIGH_IN
1251
mA
VDD_SNVS_IN
2752
μA
USB_OTG_VBUS/
USB_H1_VBUS (LDO 3P0)
—253
mA
Primary Interface (IO) Supplies
NVCC_DRAM
4
NVCC_ENET
N=10
Use maximum IO equation5
NVCC_LCD
N=29
Use maximum IO equation5
NVCC_GPIO
N=24
Use maximum IO equation5
NVCC_CSI
N=20
Use maximum IO equation5
NVCC_EIM
N=53
Use maximum IO equation5
NVCC_JTAG
N=6
Use maximum IO equation5
NVCC_RGMII
N=6
Use maximum IO equation5
NVCC_SD1
N=6
Use maximum IO equation5
NVCC_SD2
N=6
Use maximum IO equation5
NVCC_SD3
N=11
Use maximum IO equation5
NVCC_NANDF
N=26
Use maximum IO equation5


Similar Part No. - MCIMX6U4AVM08CC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08CC NXP-MCIMX6U4AVM08CC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6U4AVM08CC NXP-MCIMX6U4AVM08CC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08CC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
   i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMXRT1064IEC NXP-IMXRT1064IEC Datasheet
1Mb / 113P
   i.MX RT1064 Crossover Processors for Industrial Products
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
   i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1020IEC NXP-IMXRT1020IEC Datasheet
1Mb / 100P
   i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
   i.MX RT1060 Crossover Processors for Industrial Products
07/2020
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com