Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43201410 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 43201410
Description  Industrial Ethernet Switch - FL SWITCH 2206-2SFX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201410 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 43201410 Datasheet HTML 3Page - PHOENIX CONTACT 43201410 Datasheet HTML 4Page - PHOENIX CONTACT 43201410 Datasheet HTML 5Page - PHOENIX CONTACT 43201410 Datasheet HTML 6Page - PHOENIX CONTACT 43201410 Datasheet HTML 7Page - PHOENIX CONTACT 43201410 Datasheet HTML 8Page - PHOENIX CONTACT 43201410 Datasheet HTML 9Page - PHOENIX CONTACT 43201410 Datasheet HTML 10Page - PHOENIX CONTACT 43201410 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
https://www.phoenixcontact.com/pi/products/2702969
09/30/2021   Page 7 / 14
Industrial Ethernet Switch - FL SWITCH 2206-2SFX - 2702969
Approvals
EAC 
 
 RU*-
DE.*.B.00741/19
NK 
 http://www.classnk.or.jp/hp/en/
 TA19464M
BV 
 http://www.veristar.com/portal/veristarinfo/generalinfo/
approved/approvedProducts/equipmentAndMaterials
 48146/A1 BV
cULus Listed 
 
 
Accessories
Accessories
Data cable preassembled
Patch cable - NBC-R4AC-R4AC-IE8A/.../... - 1411854
Patch cable, degree of protection: IP20, number of positions: 8, 10 Gbps, CAT6A, cable outlet: straight, Ethernet
 
 
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/2,0 - 1408360
Patch cable, CAT6A, 4-pair, shielded, connection not crossed (line), assembled at both ends with RJ45/IP20
connectors, outer sheath material: PUR, length: 2.0 m
 
 
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/3,0 - 1408365
Patch cable, CAT6A, 4-pair, shielded, connection not crossed (line), assembled at both ends with RJ45/IP20
connectors, outer sheath material: PUR, length: 3.0 m
 
 


Similar Part No. - 43201410

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43201410 PHOENIX-43201410 Datasheet
334Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 2214-2FX
43201410 PHOENIX-43201410 Datasheet
51Kb / 3P
   Evaluation Board - TPS-1 EVA BOARD
43201410 PHOENIX-43201410 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
43201410 PHOENIX-43201410 Datasheet
225Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2008
43201410 PHOENIX-43201410 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
More results

Similar Description - 43201410

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702330 PHOENIX-2702330 Datasheet
275Kb / 3P
   Industrial Ethernet Switch - FL SWITCH 2206-2FX
1085164 PHOENIX-1085164 Datasheet
757Kb / 25P
   Industrial Ethernet Switch - FL SWITCH 1005NT-2SFX
Nov 16, 2022
1044028 PHOENIX-1044028 Datasheet
965Kb / 30P
   Industrial Ethernet Switch - FL SWITCH 2206-2SFXPN
Dec 2, 2022
1085176 PHOENIX-1085176 Datasheet
751Kb / 25P
   Industrial Ethernet Switch - FL SWITCH 1005N-2SFX
Dec 2, 2022
1006188 PHOENIX-1006188 Datasheet
748Kb / 21P
   Industrial Ethernet Switch - FL SWITCH 2214-2SFX
Dec 2, 2022
2702907 PHOENIX-2702907 Datasheet
998Kb / 30P
   Industrial Ethernet Switch - FL SWITCH 2212-2TC- 2SFX
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com