Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6182K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN6182K
Description  Recording and playing amplifier IC for answering telephones
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6182K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN6182K Datasheet HTML 1Page - Panasonic Semiconductor AN6182K Datasheet HTML 2Page - Panasonic Semiconductor AN6182K Datasheet HTML 3Page - Panasonic Semiconductor AN6182K Datasheet HTML 4Page - Panasonic Semiconductor AN6182K Datasheet HTML 5Page - Panasonic Semiconductor AN6182K Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s Overview
The AN6182K and AN6182S are recording and playing
amplifier ICs for answering telephones. They incorporate an
ALC circuit, recording and playing amplifiers, a loudspeaker
amplifier, and a VOX circuit.
s Features
Incorporates recording and playing amplifiers.
Incorporates a loudspeaker amplifier.
Incorporates a VOX circuit.
Incorporates a magnetic-head circuit to provide for one-tape
cassette recording.
Incorporates 4 control circuits.
AN6182K, AN6182S
Recording and playing amplifier IC
for answering telephones
6.2
±0.3
4.7
±0.25
3.05
±0.25
1.1
±0.25
7.62
±0.25
3—15˚
0.30
+ 0.1
– 0.05
Unit : mm
AN6182K
SDIP package with 24 pins (SDIP024-P-0300)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MIC
LIN
Com
PRE
Vcc
ALC
ALC
ALC
DET
+
VOX
DET
LOGIC
Pre Amp.
SPMUTE
PREMUTE
MIC
LIN
PLAY
REC
Vref
REG
REC
EQ
SP
PRE GND
Power VCC
Power GND
PRE VCC
s Block Diagram
Unit : mm
0.3
1
9.4
±0.3
7.2
±0.3
AN6182S
SOP package with 24 pins (SOP024-P-0375)
12
13
24
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14


Similar Part No. - AN6182K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN610 VISHAY-AN610 Datasheet
1Mb / 17P
   PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
31-Aug-05
logo
Microchip Technology
AN610 MICROCHIP-AN610 Datasheet
82Kb / 9P
   Using the 24LC21 Dual Mode Serial EEPROM
2002
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
More results

Similar Description - AN6182K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2806M SANYO-LA2806M Datasheet
177Kb / 11P
   Signal Processor and Power Amplifier IC for Telephone Answering Machines
logo
Rohm
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
logo
Toshiba Semiconductor
TA7137P TOSHIBA-TA7137P Datasheet
300Kb / 4P
   PRE-AMPLIFIER(RECORDING OR PLAYING-BACK WITH ALC TRANSISTOR FOR TAPE RECORDER)
logo
List of Unclassifed Man...
AN7317 ETC-AN7317 Datasheet
538Kb / 6P
   Dual Recording and Playback Pre-Amplifier IC for SingleDouble Cassette
logo
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
   2-head recording and playback amplifier IC A2 for HiFi VCR
AN7316 PANASONIC-AN7316 Datasheet
204Kb / 6P
   DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com