Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS85211AMI-03T Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS85211AMI-03T
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85211AMI-03T Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS85211AMI-03T Datasheet HTML 3Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 4Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 5Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 6Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 7Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 8Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 9Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 10Page - Integrated Circuit Systems ICS85211AMI-03T Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
85211AMI-03
www.icst.com/products/hiperclocks.html
REV. B APRIL 8, 2003
7
Integrated
Circuit
Systems, Inc.
ICS85211I-03
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
CLOCK INPUT INTERFACE
The CLK /nCLK accepts differential input signals of both V
SWING
and V
OH to meet the VPP and VCMR input requirements. Figures 3 to
6 show interface examples for the ICS85211I-03 clock input driven
by most common driver types. The input interfaces suggested
here are examples only. Please consult with the vendor of the
FIGURE 3. ICS85211I-03 CLK/NCLK INPUT DRIVEN BY
HIPERCLOCKS LVHSTL DRIVER
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
driver components to confirm the driver termination requirement.
For example in
Figure 3, the input termination applies for ICS
HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver
from another vendor, use their termination recommendation.
FIGURE 4. ICS85211I-03 CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER (INTERFACE 1)
FIGURE 5. ICS85211I-03 CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER (INTERFACE 2)
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
FIGURE 6. ICS85211I-03 CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER WITH AC COUPLE
R3
125
LVPECL
R1
84
C1
R2
84
HiPerClockS
CLK
nCLK
R5,R6 loc ate near the driv er pin.
Zo = 50 Ohm
3.3V
3.3V
C2
R4
125
R6
100-200
Zo = 50 Ohm
R5
100-200
3.3V
Input


Similar Part No. - ICS85211AMI-03T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85211AMI-01 ICST-ICS85211AMI-01 Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LF ICST-ICS85211AMI-01LF Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LFT ICST-ICS85211AMI-01LFT Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01T ICST-ICS85211AMI-01T Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results

Similar Description - ICS85211AMI-03T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
logo
Integrated Circuit Syst...
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
   Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com