Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS85211BMI-03T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS85211BMI-03T
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85211BMI-03T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS85211BMI-03T Datasheet HTML 6Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 7Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 8Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 9Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 10Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 11Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 12Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 13Page - Integrated Circuit Systems ICS85211BMI-03T Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
85211BMI-03
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 15, 2005
10
Integrated
Circuit
Systems, Inc.
ICS85211BI-03
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVHSTL output driver circuit and termination are shown in Figure 4.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MAX
/R
L
) * (V
DD_MAX
- V
OH_MAX
)
Pd_L = (V
OL_MAX
/R
L
) * (V
DD_MAX
- V
OL_MAX
)
Pd_H = (1.15V/50
Ω) * (3.465V - 1.15V) = 53.24mW
Pd_L = (0.4V (50
Ω) * (3.465V - 0.4V) = 24.52mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 77.76mW
FIGURE 4. LVHSTL DRIVER CIRCUIT AND TERMINATION
V
DD
V
OUT
RL
50
Ω
Q1


Similar Part No. - ICS85211BMI-03T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85211AMI ICST-ICS85211AMI Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211AMI-01 ICST-ICS85211AMI-01 Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LF ICST-ICS85211AMI-01LF Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LFT ICST-ICS85211AMI-01LFT Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01T ICST-ICS85211AMI-01T Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results

Similar Description - ICS85211BMI-03T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
logo
Integrated Circuit Syst...
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211I-03 ICST-ICS85211I-03 Datasheet
107Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
   Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com