Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS85211BI-03 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS85211BI-03
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85211BI-03 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS85211BI-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 9Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 10Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 11Page - Integrated Circuit Systems ICS85211BI-03 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
85211BMI-03
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 15, 2005
8
Integrated
Circuit
Systems, Inc.
ICS85211BI-03
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
SCHEMATIC EXAMPLE
Figure 3 shows a schematic example of ICS85211BI-03. In
this example, the input is driven by an ICS HiPerClockS
FIGURE 3. ICS85211BI-03 LVHSTL BUFFER SCHEMATIC EXAMPLE
LVHSTL driver. The decoupling capacitors should be physi-
cally located near the power pin.
R1
50
HiPerClockS
R2
50
R6
50
Zo = 50 Ohm
U1
ICS85211BMI-03
1
2
3
4
8
7
6
5
Q0
nQ0
Q1
nQ1
VDD
CLK
nCLK
GND
Zo = 50 Ohm
R3
50
LVHSTL Input
+
-
ICS
R5
50
Zo = 50 Ohm
LVHSTL
R4
50
Zo = 50 Ohm
Zo = 50 Ohm
LVHSTL Input
+
-
Unused Output
Can Be Floated
Zo = 50 Ohm
1.8V
C1
0.1u
LVHSTL Driv er
VDD=3.3V


Similar Part No. - ICS85211BI-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85211AMI ICST-ICS85211AMI Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211AMI-01 ICST-ICS85211AMI-01 Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LF ICST-ICS85211AMI-01LF Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01LFT ICST-ICS85211AMI-01LFT Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85211AMI-01T ICST-ICS85211AMI-01T Datasheet
163Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results

Similar Description - ICS85211BI-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
logo
Integrated Circuit Syst...
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211I-03 ICST-ICS85211I-03 Datasheet
107Kb / 13P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
   Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com