Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43201404 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 43201404
Description  Device connector, front mounting - CA-17S1N122S00
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201404 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  43201404 Datasheet HTML 1Page - PHOENIX CONTACT 43201404 Datasheet HTML 2Page - PHOENIX CONTACT 43201404 Datasheet HTML 3Page - PHOENIX CONTACT 43201404 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1619961
04/01/2016   Page 3 / 4
Device connector, front mounting - CA-17S1N122S00 - 1619961
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
 
mm²/AWG/kcmil
18
Nominal current IN
8 A
Nominal voltage UN
150 V
cUL Recognized 
 
 
mm²/AWG/kcmil
18
Nominal current IN
5 A
Nominal voltage UN
150 V
EAC 
cULus Recognized 
Drawings


Similar Part No. - 43201404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43201404 PHOENIX-43201404 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43201404 PHOENIX-43201404 Datasheet
57Kb / 2P
   Cable connector - RC-63S1N12T0R9
43201404 PHOENIX-43201404 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
43201404 PHOENIX-43201404 Datasheet
64Kb / 4P
   Cable connector - CA-06P1N128006
43201404 PHOENIX-43201404 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS010
More results

Similar Description - 43201404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1624051 PHOENIX-1624051 Datasheet
320Kb / 6P
   Device connector, front mounting - CA-12S1N126L00
1619992 PHOENIX-1619992 Datasheet
299Kb / 6P
   Device connector, front mounting - CA-06P1N122S00
1619912 PHOENIX-1619912 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-09S1NC22S00
1619902 PHOENIX-1619902 Datasheet
66Kb / 4P
   Device connector, front mounting - CA-06P1N126Z00
1619904 PHOENIX-1619904 Datasheet
77Kb / 4P
   Device connector, front mounting - CA-17P1NC22S00
1619957 PHOENIX-1619957 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-19S1N122S00
1619868 PHOENIX-1619868 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-09P1N126Y00
1619869 PHOENIX-1619869 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-09S1N126Y00
1619876 PHOENIX-1619876 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-06P1N126Y00
1619926 PHOENIX-1619926 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-09P1NA22S00
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com