Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40002A01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 40002A01
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

40002A01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  40002A01 Datasheet HTML 1Page - Integrated Circuit Systems 40002A01 Datasheet HTML 2Page - Integrated Circuit Systems 40002A01 Datasheet HTML 3Page - Integrated Circuit Systems 40002A01 Datasheet HTML 4Page - Integrated Circuit Systems 40002A01 Datasheet HTML 5Page - Integrated Circuit Systems 40002A01 Datasheet HTML 6Page - Integrated Circuit Systems 40002A01 Datasheet HTML 7Page - Integrated Circuit Systems 40002A01 Datasheet HTML 8Page - Integrated Circuit Systems 40002A01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
840002AG-01
www.icst.com/products/hiperclocks.html
REV. B JANUARY 13, 2006
1
ICS840002-01
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS840002-01 is a 2 output LVCMOS/LVTTL
Synthesizer optimized to generate Ethernet
reference clock frequencies and is a member of
the HiPerClocksTM family of high performance
clock solutions from ICS. Using a 25MHz 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL1:0):
156.25MHz, 125MHz, and 62.5MHz. The ICS840002-01 uses
ICS’ 3rd generation low phase noise VCO technology and can
achieve 1ps or lower typical random rms phase jitter, easily
meeting Ethernet jitter requirements. The ICS840002-01 is
packaged in a small 16-pin TSSOP package.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
F_SEL0
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
F_SEL1
GND
GND
Q0
Q1
VDDO
XTAL_IN
XTAL_OUT
ICS840002-01
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm
package body
G Package
Top View
FEATURES
• Two LVCMOS/LVTTL outputs @ 3.3V,
17
Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Output frequency range: 56MHz - 175MHz
• VCO range: 560MHz - 700MHz
• Output skew: 12ps (maximum)
• RMS phase jitter at 156.25MHZ (1.875MHz - 20MHz):
0.47ps (typical)
Phase noise:
Offset
Noise Power
100Hz ............... -97.4 dBc/Hz
1
kHz .............. -120.2 dBc/Hz
10
kHz .............. -127.6 dBc/Hz
100
kHz .............. -126.1 dBc/Hz
• Full 3.3V or 3.3V core/2.5V output supply mode
• -30°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
Q0
Q1
OE
F_SEL1:0
nPLL_SEL
nXTAL_SEL
XTAL_IN
XTAL_OUT
TEST_CLK
MR
OSC
Phase
Detector
VCO
M = ÷25 (fixed)
F_SEL1:0
0 0 ÷4
0 1 ÷5
1 0 ÷10
1 1 ÷5
0
1
1
0
2
N
25MHz
Pullup
Pulldown
Pulldown
Pulldown
Pullup:Pullup
Pulldown
FREQUENCY SELECT FUNCTION TABLE
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
.
f
e
R
z
H
M
5
2
(
1
L
E
S
_
F0
L
E
S
_
Fe
u
l
a
V
r
e
d
i
v
i
D
Me
u
l
a
V
r
e
d
i
v
i
D
N
00
5
24
5
2
.
6
5
1
01
5
25
5
2
1
10
5
20
15
.
2
6
11
5
25
5
2
1


Similar Part No. - 40002A01

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
40002020 WURTH-40002020 Datasheet
210Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
40002050 WURTH-40002050 Datasheet
291Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
logo
List of Unclassifed Man...
400021B ETC2-400021B Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
400021R ETC2-400021R Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
400024B ETC2-400024B Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
More results

Similar Description - 40002A01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
   Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
   FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-01 ICST-ICS840004-01 Datasheet
262Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001I ICST-ICS840001I Datasheet
175Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com