Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1620144 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620144
Description  Coupler connector - CA-06P1N129006
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620144 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620144 Datasheet HTML 1Page - PHOENIX CONTACT 1620144 Datasheet HTML 2Page - PHOENIX CONTACT 1620144 Datasheet HTML 3Page - PHOENIX CONTACT 1620144 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1620144
04/05/2016   Page 2 / 4
Coupler connector - CA-06P1N129006 - 1620144
Technical data
Data of the insulating body
Litz wire cross section of power contacts min.
0.08 mm²
Litz wire cross section of power contacts max.
2.5 mm²
Nominal current per power contact at 25°C
20 A
Nominal voltage, power contact
300 V
Overvoltage category
II
Degree of pollution
3
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
SPEEDCON locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Min. cable diameter
4 mm
Max. cable diameter
6 mm
Sealing material
NBR
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
272607xx
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260702
eCl@ss 7.0
27440102
eCl@ss 8.0
27440102
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002635
ETIM 5.0
EC002635
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201404


Similar Part No. - 1620144

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620140 PHOENIX-1620140 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129006
1620141 PHOENIX-1620141 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129006
1620145 PHOENIX-1620145 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N129006
1620146 PHOENIX-1620146 Datasheet
65Kb / 4P
   Coupler connector - CA-19P1N1290DN
1620147 PHOENIX-1620147 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N1290DN
More results

Similar Description - 1620144

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129007
1620159 PHOENIX-1620159 Datasheet
259Kb / 5P
   Coupler connector - CA-12P1N1290DN
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129008
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N1290DN
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129008
1620036 PHOENIX-1620036 Datasheet
65Kb / 4P
   Coupler connector - CA-09S1N129008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com