Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1620144 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1620144
Description  Coupler connector - CA-06P1N129006
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620144 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1620144 Datasheet HTML 1Page - PHOENIX CONTACT 1620144 Datasheet HTML 2Page - PHOENIX CONTACT 1620144 Datasheet HTML 3Page - PHOENIX CONTACT 1620144 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1620144
04/05/2016   Page 1 / 4
Coupler connector - CA-06P1N129006 - 1620144
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Coupling connector, straight, shielded: yes, SPEEDCON locking, M23, Number of positions: 6, Type of contact:
Male connector, Solder connection, Cable diameter: 4 mm ... 6 mm
Product Features
Safe use in the field, thanks to high degree of protection
Connector for flexible on-site assembly
Consistent EMC protection for reliable transmission of signals
Solder connection: proven connection technology for various litz wires
Key Commercial Data
Packing unit
1 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Temperature range
Ambient temperature (operation)
-40 °C ... 125 °C
Data of the insulating body
Coding
N
Insulator material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Insertion/withdrawal cycles mechanical
100
Contact connection method
Solder connection
Type of contacts
Male connector
Number of positions
6
Contact diameter of power contacts
2 mm


Similar Part No. - 1620144

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620140 PHOENIX-1620140 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129006
1620141 PHOENIX-1620141 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129006
1620145 PHOENIX-1620145 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N129006
1620146 PHOENIX-1620146 Datasheet
65Kb / 4P
   Coupler connector - CA-19P1N1290DN
1620147 PHOENIX-1620147 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N1290DN
More results

Similar Description - 1620144

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129007
1620159 PHOENIX-1620159 Datasheet
259Kb / 5P
   Coupler connector - CA-12P1N1290DN
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129008
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N1290DN
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129008
1620036 PHOENIX-1620036 Datasheet
65Kb / 4P
   Coupler connector - CA-09S1N129008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com