Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83905AGI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS83905AGI
Description  LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83905AGI Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS83905AGI Datasheet HTML 2Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 3Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 9Page - Integrated Circuit Systems ICS83905AGI Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
83905AGI
http://www.icst.com/products/hiperclocks.html
REV. B MAY 16, 2005
6
Integrated
Circuit
Systems, Inc.
ICS83905I
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO-
LVCMOS / LVTTL FANOUT BUFFER
TABLE 6D. AC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
TABLE 6C. AC CHARACTERISTICS, V
DD = VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
l
a
t
s
y
r
C
l
a
n
r
e
t
x
E
g
n
i
s
U0
10
4z
H
M
k
c
o
l
C
l
a
n
r
e
t
x
E
g
n
i
s
U
;
e
c
r
u
o
S1
E
T
O
N
C
D0
0
1z
H
M
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
7
43
5%
t
)
o
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
8s
p
t
)
Ø
(
t
ij)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
n
o
i
t
a
r
g
e
t
n
I
(
@
z
H
M
5
2
)
z
H
M
1
-
z
H
0
0
1
:
e
g
n
a
R
7
2
.
0s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
9s
p
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
3
E
T
O
N
1
E
L
B
A
N
E
4s
e
l
c
y
c
2
E
L
B
A
N
E
4s
e
l
c
y
c
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
3
E
T
O
N
1
E
L
B
A
N
E
4s
e
l
c
y
c
2
E
L
B
A
N
E
4s
e
l
c
y
c
ƒ
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
≤ f
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
t
u
p
n
i
l
a
t
s
y
r
c
a
g
n
i
s
u
0
5
t
a
d
e
t
a
n
i
m
r
e
T
Ω
V
o
t
O
D
D
.
2
/
.
e
d
i
v
o
r
p
d
l
u
o
w
l
a
t
s
y
r
c
a
l
a
n
g
i
s
a
o
t
e
v
i
t
a
l
e
r
n
e
v
i
r
d
r
e
v
o
e
b
n
a
c
N
I
_
L
A
T
X
:
1
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
l
a
t
s
y
r
C
l
a
n
r
e
t
x
E
g
n
i
s
U0
10
4z
H
M
k
c
o
l
C
l
a
n
r
e
t
x
E
g
n
i
s
U
;
e
c
r
u
o
S1
E
T
O
N
C
D0
0
1z
H
M
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
t
)
o
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
8s
p
t
)
Ø
(
t
ij)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
n
o
i
t
a
r
g
e
t
n
I
(
@
z
H
M
5
2
)
z
H
M
1
-
z
H
0
0
1
:
e
g
n
a
R
4
1
.
0s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
8s
p
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
3
E
T
O
N
1
E
L
B
A
N
E
4s
e
l
c
y
c
2
E
L
B
A
N
E
4s
e
l
c
y
c
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
3
E
T
O
N
1
E
L
B
A
N
E
4s
e
l
c
y
c
2
E
L
B
A
N
E
4s
e
l
c
y
c
ƒ
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
≤ f
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
t
u
p
n
i
l
a
t
s
y
r
c
a
g
n
i
s
u
0
5
t
a
d
e
t
a
n
i
m
r
e
T
Ω
V
o
t
O
D
D
.
2
/
.
e
d
i
v
o
r
p
d
l
u
o
w
l
a
t
s
y
r
c
a
l
a
n
g
i
s
a
o
t
e
v
i
t
a
l
e
r
n
e
v
i
r
d
r
e
v
o
e
b
n
a
c
N
I
_
L
A
T
X
:
1
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N


Similar Part No. - ICS83905AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905AG ICST-ICS83905AG Datasheet
362Kb / 14P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83905AG IDT-ICS83905AG Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905AGLF IDT-ICS83905AGLF Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905AGLFT IDT-ICS83905AGLFT Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS83905AGT ICST-ICS83905AGT Datasheet
362Kb / 14P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
More results

Similar Description - ICS83905AGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83905I RENESAS-83905I Datasheet
694Kb / 22P
   Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
   LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com