Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8520I-02 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8520I-02
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8520I-02 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8520I-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 9Page - Integrated Circuit Systems ICS8520I-02 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
8520DYI-02
www.icst.com/products/hiperclocks.html
REV.B NOVEMBER 16, 2005
6
Integrated
Circuit
Systems, Inc.
ICS8520I-02
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
FIGURE 1C. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER
FIGURE 1B. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER
FIGURE 1D. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVDS DRIVER
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLKx /nCLKx accepts LVDS, LVPECL, LVHSTL, SSTL,
HCSL and other differential signals. Both V
SWING and VOH
must meet the V
PP and VCMR input requirements. Figures 1A
to 1E show interface examples for the HiPerClockS CLKx/
nCLKx input driven by the most common driver types. The
input interfaces suggested here are examples only. Please
FIGURE 1A. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
ICS HIPERCLOCKS LVHSTL DRIVER
consult with the vendor of the driver component to confirm
the driver termination requirements. For example in Figure
1A,
the input termination applies for ICS HiPerClockS
LVHSTL drivers. If you are using an LVHSTL driver from
another vendor, use their termination recommendation.
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
Zo = 50 Ohm
R1
100
3.3V
LVDS_Driv er
Zo = 50 Ohm
Receiv er
CLK
nCLK
3.3V
FIGURE 1E. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER WITH AC COUPLE
Zo = 50 Ohm
R3
125
HiPerClockS
CLK
nCLK
3.3V
R5
100 - 200
3.3V
R2
84
3.3V
R6
100 - 200
Input
R5,R6 locate near the driver pin.
Zo = 50 Ohm
R1
84
R4
125
C2
LVPECL
C1
APPLICATION INFORMATION


Similar Part No. - ICS8520I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8520 ICST-ICS8520 Datasheet
100Kb / 8P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
ICS8520DY ICST-ICS8520DY Datasheet
100Kb / 8P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
ICS8520DYT ICST-ICS8520DYT Datasheet
100Kb / 8P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
More results

Similar Description - ICS8520I-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8520 ICST-ICS8520 Datasheet
100Kb / 8P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
   Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
   Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
   Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com