Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS650GI-36LFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650GI-36LFT
Description  Networking & PCI Clock Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650GI-36LFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650GI-36LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS650GI-36LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS650GI-36LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS650GI-36LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS650GI-36LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS650GI-36LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS650GI-36LFT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Networking & PCI Clock Source
MDS 650-36 D
3
Revision 030206
In te gr ated C i rcuit Syste m s
525 R ace Street, San Jose, CA 9 5126 tel (40 8) 29 7-120 1www.icst.com
ICS650-36
External Components
Decoupling Capacitor
As with any high performance mixed-signal IC, the
ICS650-36 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between each VDD and the PCB ground plane.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors
must be connected from each of the pins X1 and X2 to
ground.
The value (in pF) of these crystal caps should equal
(CL -6 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 20
pF [(16-6) x 2 = 20].
PCB Layout Recommendations
Observed the following guidelines for optimum device
performance and lowest output phase noise:
1) The 0.01µF decoupling capacitors should be
mounted on the component side of the board as close
to the VDD pin as possible. No vias should be used
between the decoupling capacitors and VDD pins. The
PCB trace to VDD pins should be kept as short as
possible, as should the PCB trace to the ground via.
2) The external crystal should be mounted just next to
the device with short traces. The X1 and X2 traces
should not be routed next to each other with minimum
spaces, instead they should be separated and away
from other traces.
3) Place the 33
Ω series termination resistor (if needed)
close to the clock output to minimize EMI.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the ICS650-36. This includes signal traces
just underneath the device, or on layers adjacent to the
ground plane layer used by the device.
14
REF
Output
Reference 25 MHz clock output. Weak internal pull-down when
tri-state.
15
GND
Power
Connect to ground.
16
VDD
Power
Connect to +3.3 V.
Pin
Number
Pin
Name
Pin
Type
Pin Description


Similar Part No. - ICS650GI-36LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650GI-41LF ICST-ICS650GI-41LF Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-41LFT ICST-ICS650GI-41LFT Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650GI-44 ICST-ICS650GI-44 Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
ICS650GI-44LF ICST-ICS650GI-44LF Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
ICS650GI-44LFT ICST-ICS650GI-44LFT Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
More results

Similar Description - ICS650GI-36LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
   NETWORKING AND PCI CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
   NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
   NETWORKING CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com