Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS650G-40LF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650G-40LF
Description  ETHERNET SWITCH CLOCK SOURCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650G-40LF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650G-40LF Datasheet HTML 1Page - Integrated Circuit Systems ICS650G-40LF Datasheet HTML 2Page - Integrated Circuit Systems ICS650G-40LF Datasheet HTML 3Page - Integrated Circuit Systems ICS650G-40LF Datasheet HTML 4Page - Integrated Circuit Systems ICS650G-40LF Datasheet HTML 5Page - Integrated Circuit Systems ICS650G-40LF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ETHERNET SWITCH CLOCK SOURCE
MDS 650-40 C
2
Revision 060705
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS650-40
Pin Assignment
Output Select Table (MHz)
Pin Descriptions
1
2
3
X2
4
VDD
5
6
7
8
VDDOA
S1
OE
GND
16
X1/ICLK
GND
15
14
13
12
11
10
9
16-pin (173 mil) TSSOP
CLKB
CLKA
VDDOB
GND
S0
GND
VDD
VDD
S1
S0
CLKA
(MHz)
CLKB
(MHz)
0
0
127
127
0
1
133
133
1
0
157
157
1
1
189
189
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
Input
Crystal or clock input. Connect to a 25 MHz crystal or single ended clock.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
VDDOA
Power
Connect to +2.5 V or +3.3 V. For clock output buffer A only.
5
CLKA
Output
Clock A output with weak pull-down resistor.
6
CLKB
Output
Clock B output with weak pull-down resistor.
7
VDDOB
Power
Connect to +2.5 V or +3.3 V. For clock output buffer B only.
8
GND
Power
Connect to ground.
9
S0
Input
Select pin 0.
10
S1
Input
Select pin 1.
11
VDD
Power
Connect to +3.3 V.
12
VDD
Power
Connect to +3.3 V.
13
GND
Power
Connect to ground.
14
OE
Input
Output enable tri-states outputs and device is not shut down. Internal
pull-up resistor.
15
GND
Power
Connect to ground.
16
X2
Output
Crystal connection. Leave unconnected for clock input.


Similar Part No. - ICS650G-40LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650G-40A ICST-ICS650G-40A Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
ICS650G-40AT ICST-ICS650G-40AT Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
More results

Similar Description - ICS650G-40LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
logo
Integrated Circuit Syst...
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
   Fast Ethernet Clock Source
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
   Fast Ethernet Clock Source
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
   SCSI and Ethernet Clock Source
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com