Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8432-51K Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8432-51K
Description  700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8432-51K Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8432-51K Datasheet HTML 1Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 2Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 3Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 4Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 5Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 6Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 7Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 8Page - Integrated Circuit Systems ICS8432-51K Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
8432BK-51
www.icst.com/products/hiperclocks.html
REV. A MARCH 22, 2004
4
Integrated
Circuit
Systems, Inc.
ICS8432-51K
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL
LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 3A. PARALLEL AND SERIAL MODE FUNCTION TABLE
s
t
u
p
n
I
s
n
o
i
t
i
d
n
o
C
R
MD
A
O
L
_
P
nM
N
D
A
O
L
_
SK
C
O
L
C
_
SA
T
A
D
_
S
HX
X
X
X
X
X
.
W
O
L
s
t
u
p
t
u
o
s
e
c
r
o
F
.
t
e
s
e
R
LL
a
t
a
Da
t
a
DX
X
X
M
e
h
t
o
t
y
l
t
c
e
r
i
d
d
e
s
s
a
p
s
t
u
p
n
i
N
d
n
a
M
n
o
a
t
a
D
.
W
O
L
d
e
c
r
o
f
t
u
p
t
u
o
T
S
E
T
.
r
e
d
i
v
i
d
t
u
p
t
u
o
N
d
n
a
r
e
d
i
v
i
d
L
a
t
a
Da
t
a
DL
X
X
d
e
d
a
o
l
s
n
i
a
m
e
r
d
n
a
s
r
e
t
s
i
g
e
r
t
u
p
n
i
o
t
n
i
d
e
h
c
t
a
l
s
i
a
t
a
D
.
s
r
u
c
c
o
t
n
e
v
e
l
a
i
r
e
s
a
li
t
n
u
r
o
n
o
i
t
i
s
n
a
r
t
W
O
L
t
x
e
n
li
t
n
u
LH
X
X
L
a
t
a
D
n
o
a
t
a
d
h
t
i
w
d
e
d
a
o
l
s
i
r
e
t
s
i
g
e
r
t
f
i
h
S
.
e
d
o
m
t
u
p
n
i
l
a
i
r
e
S
.
K
C
O
L
C
_
S
f
o
e
g
d
e
g
n
i
s
i
r
h
c
a
e
n
o
A
T
A
D
_
S
LH
X
X
La
t
a
D
e
h
t
o
t
d
e
s
s
a
p
e
r
a
r
e
t
s
i
g
e
r
t
f
i
h
s
e
h
t
f
o
s
t
n
e
t
n
o
C
.
r
e
d
i
v
i
d
t
u
p
t
u
o
N
d
n
a
r
e
d
i
v
i
d
M
LH
X
X
La
t
a
D.
d
e
h
c
t
a
l
e
r
a
s
e
u
l
a
v
r
e
d
i
v
i
d
t
u
p
t
u
o
N
d
n
a
r
e
d
i
v
i
d
M
LH
X
X
L
X
X
.
s
r
e
t
s
i
g
e
r
t
f
i
h
s
t
c
e
f
f
a
t
o
n
o
d
t
u
p
n
i
l
a
i
r
e
s
r
o
l
e
ll
a
r
a
P
LH
X
X
H
a
t
a
D.
d
e
k
c
o
l
c
s
i
t
i
s
a
r
e
d
i
v
i
d
M
o
t
y
l
t
c
e
r
i
d
d
e
s
s
a
p
A
T
A
D
_
S
W
O
L
=
L
:
E
T
O
N
H
G
I
H
=
H
e
r
a
c
t
'
n
o
D
=
X
n
o
i
t
i
s
n
a
r
t
e
g
d
e
g
n
i
s
i
R
=
n
o
i
t
i
s
n
a
r
t
e
g
d
e
g
n
il
l
a
F
=
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE
TABLE 3C. PROGRAMMABLE OUTPUT DIVIDER FUNCTION TABLE
s
t
u
p
n
I
e
u
l
a
V
r
e
d
i
v
i
D
N
)
z
H
M
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
N0
Nm
u
m
i
n
i
Mm
u
m
i
x
a
M
00
1
0
5
20
0
7
01
2
5
2
10
5
3
10
4
5
.
2
65
7
1
11
8
5
2
.
1
35
.
7
8
y
c
n
e
u
q
e
r
F
O
C
V
)
z
H
M
(
e
d
i
v
i
D
M
6
5
28
2
14
62
36
18
4
2
1
8
M7
M6
M5
M4
M3
M2
M1
M0
M
0
5
20
1
0
0
0
0
0
10
10
5
7
21
1
0
0
000
1
0
11
•••••••
•••••••
0
5
66
2
0
0
0
0
1
10
10
5
7
67
2
000
0
1
1
0
1
1
0
0
78
2
0
0
00
111
00
y
c
n
e
u
q
e
r
f
t
u
p
n
i
K
L
C
_
T
S
E
T
r
o
l
a
t
s
y
r
c
o
t
d
n
o
p
s
e
r
r
o
c
s
e
i
c
n
e
u
q
e
r
f
g
n
i
t
l
u
s
e
r
e
h
t
d
n
a
s
e
u
l
a
v
e
d
i
v
i
d
M
e
s
e
h
T
:
1
E
T
O
N
.
z
H
M
5
2
f
o


Similar Part No. - ICS8432-51K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8432-51 IDT-ICS8432-51 Datasheet
237Kb / 21P
   700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8432-51 RENESAS-ICS8432-51 Datasheet
461Kb / 22P
   700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
NOVEMBER 13, 2012
More results

Similar Description - ICS8432-51K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
   700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
logo
Integrated Circuit Syst...
ICS8432-101 ICST-ICS8432-101 Datasheet
198Kb / 18P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8432I-101 ICST-ICS8432I-101 Datasheet
170Kb / 18P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com