Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-104-CFC-D369 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # FX-104-CFC-D369
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-104-CFC-D369 Datasheet(HTML) 6 Page - Vectron International, Inc

Back Button FX-104-CFC-D369 Datasheet HTML 2Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 3Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 4Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 5Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 6Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 7Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 8Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 9Page - Vectron International, Inc FX-104-CFC-D369 Datasheet HTML 10Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FX-104 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
All components outside the dotted line box are user supplied components. This is just one possbile
configuration of the FX-104. For additional information about your specific needs, please contact our factory.
Typical Application
Output Load Configuration
*Note: VI highly recommends either a linear
regulator or bypass capacitors; 10 uF, 0.1 uF
and a 100pF capacitor would be typical.
All components outside the dotted line box are user supplied components
and/or connections. This is just one possible configuration of the FX-104.
For additional information about your specific needs please contact our Factory.


Similar Part No. - FX-104-CFC-D369

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
1Mb / 11P
   Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results

Similar Description - FX-104-CFC-D369

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com