Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08AC Datasheet(PDF) 81 Page - NXP Semiconductors

Part # MCIMX6U4AVM08AC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08AC Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08AC Datasheet HTML 77Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 78Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 79Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 80Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 81Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 82Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 83Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 84Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
81
4.11.4.3 SDR50/SDR104 AC Timing
Figure 42 depicts the timing of SDR50/SDR104, and Table 54 lists the SDR50/SDR104 timing
characteristics.
Figure 42.
SDR50/SDR104 Timing
4.11.4.4
Bus Operation Condition for 3.3 V and 1.8 V Signaling
Signaling level of SD/eMMC4.3 and eMMC4.4/4.41 modes is 3.3 V. Signaling level of SDR104/SDR50
mode is 1.8 V. The DC parameters for the NVCC_SD1, NVCC_SD2 and NVCC_SD3 supplies are
identical to those shown in Table 23, "GPIO DC Parameters," on page 40.
Table 54.
SDR50/SDR104 Interface Timing Specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
4.8
ns
SD2
Clock Low Time
tCL
0.46
× tCLK
0.54
× tCLK
ns
SD3
Clock High Time
tCH
0.46
× tCLK
0.54
× tCLK
ns
uSDHC Output/Card Inputs SDx_CMD, SDx_DATAx in SDR50 (Reference to CLK)
SD4
uSDHC Output Delay
tOD
–3
1
ns
uSDHC Output/Card Inputs SDx_CMD, SDx_DATAx in SDR104 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
–1.6
0.74
ns
uSDHC Input/Card Outputs SDx_CMD, SDx_DATAx in SDR50 (Reference to CLK)
SD6
uSDHC Input Setup Time
tISU
2.5
ns
SD7
uSDHC Input Hold Time
tIH
1.5
ns
uSDHC Input/Card Outputs SDx_CMD, SDx_DATAx in SDR104 (Reference to CLK)1
1Data window in SDR100 mode is variable.
SD8
Card Output Data Window
tODW
0.5
× tCLK
—ns


Similar Part No. - MCIMX6U4AVM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08AC NXP-MCIMX6U4AVM08AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6U4AVM08AC NXP-MCIMX6U4AVM08AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQPCEC NXP-IMX6DQPCEC Datasheet
3Mb / 168P
   i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
   i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
   i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
   i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
   i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com