Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08AC Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MCIMX6U4AVM08AC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08AC Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08AC Datasheet HTML 14Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 15Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 16Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 17Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 18Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 19Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 20Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 21Page - NXP Semiconductors MCIMX6U4AVM08AC Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
18
NXP Semiconductors
Modules List
SSI-1
SSI-2
SSI-3
I2S/SSI/AC97 Interface
Connectivity
Peripherals
The SSI is a full-duplex synchronous interface, which is
used on the AP to provide connectivity with off-chip
audio peripherals. The SSI supports a wide variety of
protocols (SSI normal, SSI network, I2S, and AC-97), bit
depths (up to 24 bits per word), and clock / frame sync
options.
The SSI has two pairs of 8x24 FIFOs and hardware
support for an external DMA controller in order to
minimize its impact on system performance. The
second pair of FIFOs provides hardware interleaving of
a second audio stream that reduces CPU overhead in
use cases where two time slots are being used
simultaneously.
TEMPMON
Temperature Monitor
System Control
Peripherals
The Temperature sensor IP is used for detecting die
temperature. The temperature read out does not reflect
case or ambient temperature. It reflects the temperature
in proximity of the sensor location on the die.
Temperature distribution may not be uniformly
distributed, therefore the read out value may not be the
reflection of the temperature value of the entire die.
TZASC
Trust-Zone Address
Space Controller
Security
The TZASC (TZC-380 by Arm) provides security
address region control functions required for intended
application. It is used on the path to the DRAM
controller.
UART-1
UART-2
UART-3
UART-4
UART-5
UART Interface
Connectivity
Peripherals
Each of the UARTv2 modules support the following
serial data transmit/receive protocols and
configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
parity (even, odd or none)
• Programmable baud rates up to 5 Mbps.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx
supporting auto-baud
• IrDA 1.0 support (up to SIR speed of 115200 bps)
• Option to operate as 8-pins full UART, DCE, or DTE
USBOH3
USB 2.0 High Speed
OTG and 3x HS Hosts
Connectivity
Peripherals
USBOH3 contains:
• One high-speed OTG module with integrated HS
USB PHY
• One high-speed Host module with integrated HS
USB PHY
• Two identical high-speed Host modules connected to
HSIC USB ports.
Table 2. i.MX 6Solo/6DualLite Modules List (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description


Similar Part No. - MCIMX6U4AVM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08AC NXP-MCIMX6U4AVM08AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6U4AVM08AC NXP-MCIMX6U4AVM08AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SDLAEC NXP-IMX6SDLAEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQPCEC NXP-IMX6DQPCEC Datasheet
3Mb / 168P
   i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
Rev. 3, 11/2018
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
   i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
   i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
   i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
MCIMX6Z0DVM09AB NXP-MCIMX6Z0DVM09AB Datasheet
1Mb / 108P
   i.MX 6ULZ Applications Processors for Consumer
Rev. 0, 09/2018
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com