Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

544M01LF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 544M01LF
Description  Clock Divider
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

544M01LF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  544M01LF Datasheet HTML 1Page - Integrated Circuit Systems 544M01LF Datasheet HTML 2Page - Integrated Circuit Systems 544M01LF Datasheet HTML 3Page - Integrated Circuit Systems 544M01LF Datasheet HTML 4Page - Integrated Circuit Systems 544M01LF Datasheet HTML 5Page - Integrated Circuit Systems 544M01LF Datasheet HTML 6Page - Integrated Circuit Systems 544M01LF Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Clock Divider
MDS 544M-01 A
2
Revision 041505
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS544-01
PRELIM INAR Y INFO RMA T ION
Pin Assignment
8-pin (150 mil) SOIC
Clock Divider Table
0 = connect directly to ground
1 = connect directly to VDD
Pin Descriptions
External Components
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
On chip capacitors- Crystal capacitors should be
connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value (in pf) of these
crystal caps equal (CL-12)*2 in this equation,
CL=crystal load capacitance in pf. For example, for a
crystal with a 16 pF load cap, each external crystal cap
would be 8 pF. [(16-12)x2]=8.
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS544-01 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the PCB ground plane.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) The 0.01µF decoupling capacitor should be mounted
on the component side of the board as close to the
X1/ICLK
X2
GND
VDD
S0
OE
CLK
S1
1
2
3
4
8
7
6
5
S1
S0
CLK
0
0
Input/32
0
1
Input/64
10
Input/256
11
Input/512
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal or Clock input.
2
X2
Xo
Connect to crystal for crystal input and leave open for clock input.
3
GND
Power
Connect to ground.
4
S0
Input
Select 0 for output clock. Connect to GND or VDD, per divider table above.
Internal pull-up resistor.
5
CLK
Output
Clock output per table above.
6
OE
Input
Output Enable.Tri-states output clock when low. Also shuts down the oscillator
circuit. Internal pull-up resistor. OE=1 normal operation.
7
VDD
Power
Connect to 2.25 V to 3.6 V.
8
S1
Input
Select 1 for output clock. Connect to GND or VDD, per divider table above.
Internal pull-up resistor.


Similar Part No. - 544M01LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
544M-01LF RENESAS-544M-01LF Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
544M-01LFT RENESAS-544M-01LFT Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
544MI-01LF RENESAS-544MI-01LF Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
544MI-01LFT RENESAS-544MI-01LFT Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
More results

Similar Description - 544M01LF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
   CLOCK DIVIDER
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
   CLOCK DIVIDER
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
   Clock Divider
logo
Renesas Technology Corp
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com