Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5858K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN5858K
Description  Color-TV AV-Switch IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5858K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN5858K Datasheet HTML 1Page - Panasonic Semiconductor AN5858K Datasheet HTML 2Page - Panasonic Semiconductor AN5858K Datasheet HTML 3Page - Panasonic Semiconductor AN5858K Datasheet HTML 4Page - Panasonic Semiconductor AN5858K Datasheet HTML 5Page - Panasonic Semiconductor AN5858K Datasheet HTML 6Page - Panasonic Semiconductor AN5858K Datasheet HTML 7Page - Panasonic Semiconductor AN5858K Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICs for TV
AN5858K
5
s Electrical Characteristics at Ta = 25 °C ±2 °C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply current
I30
Pin30
25
34
43
mA
Video signal input terminal voltage
VIV
Pin22, 26, 31, 35
2.5
3.0
3.5
V
Chroma signal input terminal voltage
VIC
Pin28, 33, 37, 41
6.7
7.2
7.7
V
Audio signal input terminal voltage (R)
VIR
Pin23, 27, 32, 36
6
6.5
7
V
Audio signal input terminal voltage (L)
VIL
Pin25, 29, 34, 38
6
6.5
7
V
Comb filter luminance signal input
VI19
Pin19
8.1
8.6
9.1
V
terminal voltage
Comb filter chroma signal input
VI20
Pin20
5.9
6.4
6.9
V
terminal voltage
Video signal output terminal voltage
VO21
Pin21
7.2
7.7
8.2
V
Video signal output terminal voltage
VO13
Pin13
6.5
7.0
7.5
V
(monitor)
Luminance signal output
VO17
Pin17
7.2
7.7
8.2
V
terminal voltage
Luminance signal output
VO11
Pin11
7.2
7.7
8.2
V
terminal voltage (monitor)
Chroma signal output terminal voltage
VO15
Pin15
5.1
5.6
6.1
V
Chroma signal output terminal voltage
VO9
Pin9
7.1
7.6
8.1
V
(monitor)
Mode change-over
VMOD
Pin8, 10, 12
0.5
1.0
1.5
V
terminal threshold voltage
Mute terminal threshold voltage
VMUT
Pin4
0.5
0.85
1.2
V
Forced BS threshold voltage
VBS
Pin14
2.7
3.3
3.8
V
V1 defeat threshold voltage
VDEF
Pin14
0.6
0.9
1.2
V
Color/black and white change-over
VC/W
Pin18
0.6
1.6
2.6
V
terminal voltage
S-mode discrimination
VS
Pin28, 33, 37, 41
4.5
5.3
6
V
threshold voltage
S-mode discrimination output voltage
VSO
Pin6
0
0.2
0.5
V
Video signal output offset voltage
∆V
21
Pin21
0
5
100
mV
Video signal output offset voltage
∆V
13
Pin13
0
5
100
mV
(monitor)
Luminance signal output
∆V
17
Pin17
0
5
100
mV
offset voltage
Luminance signal output
∆V
11
Pin11
0
5
100
mV
offset voltage (monitor)
Chroma signal output offset voltage
∆V
15
Pin15
0
5
100
mV
Chroma signal output offset voltage
∆V
9
Pin9
0
5
100
mV
(monitor)


Similar Part No. - AN5858K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN585 STMICROELECTRONICS-AN585 Datasheet
109Kb / 5P
   ISDN INTERFACE PROTECTION
logo
Panasonic Semiconductor
AN5850 PANASONIC-AN5850 Datasheet
177Kb / 4P
   AN5850 TV Signal Switching Circuit
More results

Similar Description - AN5858K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8822SN TOSHIBA-TA8822SN Datasheet
112Kb / 3P
   AV SWITCH FOR COLOR TV
TA8777BN TOSHIBA-TA8777BN Datasheet
252Kb / 8P
   AV SWITCH FOR COLOR TV
TA8720AN TOSHIBA-TA8720AN Datasheet
483Kb / 18P
   AV SWITCH FOR COLOR TV WITH S-TERMINAL
logo
Panasonic Semiconductor
AN15861A PANASONIC-AN15861A Datasheet
719Kb / 8P
   AV Switch IC
logo
Toshiba Semiconductor
TA8747N TOSHIBA-TA8747N Datasheet
150Kb / 4P
   AV SWITCH FOR TV WITH S - TERMINALS
logo
Panasonic Semiconductor
AN5435 PANASONIC-AN5435 Datasheet
285Kb / 3P
   Color TV Deflection-Signal Processing IC
logo
Sanyo Semicon Device
LA7615 SANYO-LA7615 Datasheet
206Kb / 39P
   Single-Chip NTSC Color TV IC
logo
Panasonic Semiconductor
AN5372S PANASONIC-AN5372S Datasheet
94Kb / 1P
   IC for Liquid Crystal Color TV
AN5436N PANASONIC-AN5436N Datasheet
83Kb / 3P
   COLOR TV DEFLECTION SIGNAL PROCESSING IC
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com